Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6563 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6563
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6563 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6563 Datasheet HTML 1Page - Silicon Standard Corp. SS6563 Datasheet HTML 2Page - Silicon Standard Corp. SS6563 Datasheet HTML 3Page - Silicon Standard Corp. SS6563 Datasheet HTML 4Page - Silicon Standard Corp. SS6563 Datasheet HTML 5Page - Silicon Standard Corp. SS6563 Datasheet HTML 6Page - Silicon Standard Corp. SS6563 Datasheet HTML 7Page - Silicon Standard Corp. SS6563 Datasheet HTML 8Page - Silicon Standard Corp. SS6563 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.SiliconStandard.com
4 of 10
SS6563
ELECTRICAL CHARACTERISTICS
(VCC= 5V, TA=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Comparator
Threshold Voltage
TA=25
°C
0
°C ≤ TA ≤ 70°C
VFB
1.225
1.21
1.25
1.275
1.29
V
V
Threshold Voltage Line
Regulation
3.0V
≤VCC≤30V
REGLINE
0.1
0.3
mV/V
Input Bias Current
VIN=0V
IIB
0.4
1
µA
Supply Current
VIS =VCC, pin 5>VFB
5.0V
≤ VCC ≤30V
CT=1nF
PIN 2=GND
Remaining pins open
ICC
1.6
3
mA
TYPICAL PERFORMANCE CHARACTERISTICS
CT, Oscillator Timing Capacitor (nF)
Fig. 1 Output Switch ON-OFF Time vs. Oscillator
Timing Capacitor
0.1
1
10
100
OFF-TIME
ON -TIME
VCC=5V
VIS =VCC
PIN 5=GND
Fig. 2
Standby Supply Current vs. Supply Voltage
VCC, Supply Voltage (V)
0
5
10
15
20
25
30
0
0.4
0.8
1.2
1.6
2
CT = 1nF
VIS = VCC
PIN 2 =GND
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com