Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6640 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6640
Description  Low Voltage Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6640 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6640 Datasheet HTML 1Page - Silicon Standard Corp. SS6640 Datasheet HTML 2Page - Silicon Standard Corp. SS6640 Datasheet HTML 3Page - Silicon Standard Corp. SS6640 Datasheet HTML 4Page - Silicon Standard Corp. SS6640 Datasheet HTML 5Page - Silicon Standard Corp. SS6640 Datasheet HTML 6Page - Silicon Standard Corp. SS6640 Datasheet HTML 7Page - Silicon Standard Corp. SS6640 Datasheet HTML 8Page - Silicon Standard Corp. SS6640 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.SiliconStandard.com
2 of 12
SS6640

!"
ORDERING INFORMATION


  

 
 
 


 
 
 
  !"#$%
SS6640-XXCXXX
+",-$% SS6640-27COTR
$
 %. /012/1"34"5%
"-% %%$"34/156-%







 







 SS6640A







 







 SS6640A
 


 



!"
ABSOLUATE MAXIMUM RATINGS

??????????????????????????????07
)(??????????????????????????????07
#-( ??????????????????????????????07
)( "???????????????????????????1
'/@??????????????????? 2°"A;°"
/@ ??????????????????? 1;°"0;°"
/= 0 > ???????????????????71°"

!"
TEST CIRCUIT
#
612

7;

'/

)

B3
0

"


 
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com