Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6640 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6640
Description  Low Voltage Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6640 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6640 Datasheet HTML 4Page - Silicon Standard Corp. SS6640 Datasheet HTML 5Page - Silicon Standard Corp. SS6640 Datasheet HTML 6Page - Silicon Standard Corp. SS6640 Datasheet HTML 7Page - Silicon Standard Corp. SS6640 Datasheet HTML 8Page - Silicon Standard Corp. SS6640 Datasheet HTML 9Page - Silicon Standard Corp. SS6640 Datasheet HTML 10Page - Silicon Standard Corp. SS6640 Datasheet HTML 11Page - Silicon Standard Corp. SS6640 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.SiliconStandard.com
11 of 12
SS6640

/&0.
'& )
&
*µµµµ+,
$
*Ω
Ω
Ω
Ω,
$
*,
+
*--,
77
0
8
28
0A
;
3 01A
0
:A
:
7
77
A
78
" *//
=
>
3'::01
28
02
0A
;7
28
7;
8
 *//"3;2
0
;
;
2;
28
7;
8
 *//(*;2
0
;
;
2;
 *//(*8;
::
00
07
;

'& $"%" &#

'
 9  $5 
5& @ /
   @      
3" 3" 5  +  & 
   /  
5  &    $5
' "'B5$  @
,.9

*&
& 9   5 
 &   07;    
$5

& ""%" &#
9 9+
      
-   &  
+0B;A0*+
*-@;:    #   
 0B202A&
 5 &

('#"# '."$ &&' &#
'   9    
      & 
$6
()
()





"
(
K



K
@
K

/
K
:
7
(3
+
=

(CK.J@C.3"@J
C3
/  
()
()







(
K




K


@
K

/
K
:
7
(3
−
+
=

/ 
()




(
K


(3
=

(CK.J@C.3"@J

Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com