Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6640 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6640
Description  Low Voltage Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6640 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6640 Datasheet HTML 1Page - Silicon Standard Corp. SS6640 Datasheet HTML 2Page - Silicon Standard Corp. SS6640 Datasheet HTML 3Page - Silicon Standard Corp. SS6640 Datasheet HTML 4Page - Silicon Standard Corp. SS6640 Datasheet HTML 5Page - Silicon Standard Corp. SS6640 Datasheet HTML 6Page - Silicon Standard Corp. SS6640 Datasheet HTML 7Page - Silicon Standard Corp. SS6640 Datasheet HTML 8Page - Silicon Standard Corp. SS6640 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 12
SS6640



   






!"
FEATURES
 
#"
  
#"

#"
 !"
#"
#$%&'
#"
"  
!"
APPLICATIONS

#"
(
#"
"
#"
)*
#"
(+',

#"
--+ 
#"
(&.
!"
DESCRIPTION

/ 612      
3"43" 5    0  2
&  '  $ 
65$5
789:9::9;
(#6*&
,     
 5/
        
   ( *  /
SS6640

&  789 :9 ::9  ;  
0
   9   
5&9%&
5/(#*
0<, =$>   9  
 5  ,9  +
 6123"43"
5
!"
TYPICAL APPLICATION CIRCUIT






µ 


µ



6







≥



 
µ 




µ 


µ



6






≥



µ 





   

   



Rev.2.01 6/26/2003


Similar Part No. - SS6640

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6640 SENSITRON-SS6640 Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
SS6640US SENSITRON-SS6640US Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
More results

Similar Description - SS6640

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
Low Voltage Operation STEP-UP DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
Low Voltage Operation STEP-UP DC/DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com