Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6640 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6640
Description  Low Voltage Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6640 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6640 Datasheet HTML 1Page - Silicon Standard Corp. SS6640 Datasheet HTML 2Page - Silicon Standard Corp. SS6640 Datasheet HTML 3Page - Silicon Standard Corp. SS6640 Datasheet HTML 4Page - Silicon Standard Corp. SS6640 Datasheet HTML 5Page - Silicon Standard Corp. SS6640 Datasheet HTML 6Page - Silicon Standard Corp. SS6640 Datasheet HTML 7Page - Silicon Standard Corp. SS6640 Datasheet HTML 8Page - Silicon Standard Corp. SS6640 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.SiliconStandard.com
3 of 12
SS6640

!"
ELECTRICAL CHARACTERISTICS°°°° 

 !"" 
"#$%&$%#
 
!%' (' !)' %
'
612 78C0A
612 :C0A
612 ::C7
612 ;C:

71::
77;
:70A
2A8;
78
:
::
;
7818
:8;
::A7
;07;

.



A

 
.C09D→7


A


 
.C09D7→
 


8

B ."
.C
.

0;

µ
"
612 78
612 :
612 ::
612 ;
C$;
*."
='/>

.

27
;
1



µ
"
CE;
*."
='/>
.
8

µ
#-@

 
070
072
078

)+"
C09CE;



;
µ
)  '@
612 78
612 :
612 ::
612 ;
C$;9C2

@
0:
07
00
0


Ω
'3"
C$;
* )( 5

3/F
1;
8;
A;
G
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com