Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6804ACSTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6804ACSTR
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804ACSTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6804ACSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.SiliconStandard.com
2 of 12
SS6804


ORDERING INFORMATION
PIN CONFIGURATION
SS6804XCXXX
Packing type
TR: Tape and reel
TB: Tube
Package type
S: SO-16
Over-charge Protection
Voltage
A: 4.35V
B: 4.30V
C: 4.25V
D: 4.20V
Example: SS6804ACSTR
$
4.35V version, in SO-16, shipped on tape and reel
TOP VIEW
OC
CS
TC
OD
1
3
4
2
NSL
TI
5
6
7
8
VCC
UD1
16
15
TD
VC2
VC1
UD2
UD3
14
12
11
13
VC3
UD4
10
9
GND
ABSOLUTE MAXIMUM RATINGS
! ""#$ DDDDDD'
$"" * DDDDDDDD'
("$4-" %$DDDDDD,°EF,°
!$4-" %$DDDDDC°E°


TEST CIRCUIT
IOC
S1
ROC
1M
VOC
1K
VCS
R8
UD1
SS6
804
VCC
NSL
OC
2
1
VC1
UD3
VC3
UD4
UD2
VC2
VOD
OD
CS
3
4
TI
TD
6
7 TC
GND
8
5
ICC
IUD1
R1 200
0.1
µF
C1
16
15
VCC
IC1
IUD2
R2 2K
0.1
µF
C2
14
13
VC1
IC2
IUD3
R3 2K
0.1
µF
C3
12
11
VC2
IC3
IUD4
R4 33K
0.1
µF
C4
10
9
VC3
CTD
1nF
CTC
1nF
CTI
2.2nF
12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com