Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6804ACSTR Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6804ACSTR
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804ACSTR Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6804ACSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 11Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
SS6804
The delay time can also be approximately
calculated by the following equations (if CTC,
CTD ≤ 82nF) :
TOC(mS) = 11.8 x CTC(nF)
TOD(mS) = 11.8 x CTD(nF)
Setting the Overcurrent Delay Time 1
The overcurrent delay time 1 (TOI1) at 0.15V <
VCC-VCS < 0.3V is set by the external capacitor
CTI, while the overcurrent delay time 2 and 3
(TOI2 and TOI3) is fixed by IC internal circuit.The
relationship between capacitance of the external
capacitor and delay time is tabulated as below.
CTI (nF)
TOI (ms)
1
4.8
2.2
15.0
3.3
18.8
5
23.6
6.8
31.0
10
61.8
Selection of External Control
MOSFETs
Because the overcurrent protection voltage is
preset, the threshold current for overcurrent
detection
is
determined
by
the
turn-on
resistance of the discharge control MOSFET M1.
The turn-on resistance of the external control
MOSFETs can be determined by the equation:
RON=VOIP/IT (IT is the overcurrent threshold
current). For example, if the overcurrent
threshold current IT is designed to be 5A, the
turn-on resistance of the external control
MOSFETs must be 30m
Ω. Users should be
aware that turn-on resistance of the MOSFET
changes with temperature variation due to heat
dissipation. It changes with the voltage between
gate and source as well. (Turn-on resistance of
a MOSFET increases as the voltage between
gate and source decreases). Once the turn-on
resistance of the external MOSFET changes,
the overcurrent threshold current will change
accordingly.
Suppressing the Ripple and
Disturbance from Charger
To suppress the ripple and disturbance from
charger, connecting R1 to R4 and C1 to C4 is
recommended. Larger R1 will cause larger error
of battery sense voltage.
Controlling the Charge Control
MOSFET
R5, R6, R7 and NPN transistor Q1 are used to
switch the charge control MOSFET M2. If
overcharge does not occur, no current flows into
OC pin and Q1 is turned off, then M2 is turned
on. When overcharge occurs, current flows into
OC pin and Q1 is turned on, which turns off M2
in turn.
Protection at CS Pin
R8 is used for protection of IC when charger is
connected in reverse. The charge detection
function after overdischarge is possibly disabled
by larger value of R8. Resistance of 1K
Ω is
recommended.
12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com