Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6804ACSTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6804ACSTR
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804ACSTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6804ACSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.SiliconStandard.com
4 of 12
SS6804
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP. MAX. UNIT
Overcurrent Delay Time (2)
VCELL=3.5V,
0.3V<VCC-VCS<1.0V
TOI2
2
4
6
mS
Overcurrent Delay Time (3)
VCELL=3.5V, VCC– VCS>1.0V
TOI3
150
300
450
µS
OC Pin Sink Current
VCELL1=4.4V,
VCELL2= VCELL3=
VCELL4=3.5V,
OC Pin Short to VCC
IOC
2.2
3.2
4.2
mA
OD Pin Output “H” Voltage
VDH
VCC-0.15V VCC-0.03V
V
OD Pin Output “L” Voltage
VDL
0.01
0.15
V
Charge Detection Threshold
Voltage
VCELL=2.3V
VCH
VCC+0.4 VCC+0.55
V
UD1 Pin Cell-Balancing
Bleeding Current
VCELL1=4.4V,
VCELL2= VCELL3=
VCELL4=3.5V
IUD1
6.5
9.3
12.1
mA
UD2 Pin Cell-Balancing
Bleeding Current
VCELL2=4.4V,
VCELL1= VCELL3=
VCELL4=3.5V
IUD2
6.3
9.0
11.7
mA
UD3 Pin Cell-Balancing
Bleeding Current
VCELL3=4.4V,
VCELL1= VCELL2=
VCELL4=3.5V
IUD3
6.2
8.8
11.4
mA
UD4 Pin Cell-Balancing
Bleeding Current
VCELL4=4.4V,
VCELL1= VCELL2=
VCELL3=3.5V
IUD4
6.4
9.2
12.0
mA
Note: VCELL means the battery cell voltage. Therefore,
VCELL1 = VCC – VC1
VCELL2 = VC1 – VC2
VCELL3 = VC2 – VC3
VCELL4 = VC3
12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com