Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6804ACSTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6804ACSTR
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804ACSTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6804ACSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6804ACSTR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.SiliconStandard.com
6 of 12
SS6804
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
148.0
148.5
149.0
149.5
150.0
150.5
151.0
151.5
152.0
Fig. 7 Overcurrent Protection Voltage vs. Temperature
-20
-10
0
102030
40
506070
Temperature(°C)
V
CELL=3.5V
14
16
18
20
22
24
26
Fig. 8 Overcharge/Overdischarge Delay Time vs.
Temperature
-20
-10
0
102030
40
506070
C
TC /CTD=1nF
Temperature(°C)
-20
-10
0
1020304050
60
70
10
12
14
16
18
20
22
V
CELL =3.5V
Fig. 9 Overcurrent Delay Time 1 vs. Temperature
Temperature (
°C)
Temperature (
°C)
-20
-10
0
10
2030
40
5060
70
4.02
4.03
4.04
4.05
4.06
4.07
4.08
Fig. 10 Overcharge Release Voltage vs. Temperature
-20
-10
0
10
20
3040
5060
70
2.97
2.98
2.99
3.00
3.01
o
Fig. 11 Overdischarge Release Voltage vs. Temperature
Temperature (
°C)
12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com