Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7529CSTB Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS7529CSTB
Description  Synchronous Buck PWM and Linear Power Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7529CSTB Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS7529CSTB Datasheet HTML 1Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.SiliconStandard.com
2 of 8
SS7529
Rev.1.01 4/26/2004
ORDERING INFORMATION
PINOUT INFORMATION
1
2
3
4
5
6
7
8
13
DRIVER2
NC
FB2
PGND
COMP
FB
LGATE
NC
9
5VCC
12
10
11
UGATE
NC
12VCC
GND
14
NC
SS7529
Packing:
SS7529CSXX
BLOCK DIAGRAM
Dead Time
Control
Oscillator
Vref
FB
Comp
PGND
LGATE
UGATE
UVLO/POR
5VCC
Control
Logic
GND
INHIBIT/SOFT START
FB2
Error Amp
PWM
Comparator
12VCC
5V
FB2
DRIVE2
UV
Detection
RE-
START
FB
FB2
51%
Vref
SHUTDOWN
161%
Vref
Package type:
TB: tubes
TR: tape and reel
S:
small outline SO-14
For example: SS7529CSTR
SS7529 in SO-14 shipped in tape and reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com