Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7529CSTB Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS7529CSTB
Description  Synchronous Buck PWM and Linear Power Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7529CSTB Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS7529CSTB Datasheet HTML 1Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.SiliconStandard.com
6 of 8
SS7529
Rev.1.01 4/26/2004
FUNCTIONAL DESCRIPTION
Operation Overview
As graphic-card power design is getting more and
more complicated, engineers need a smart solution to
reduce not only the design effort, but to further reduce the
development time. The SS7529 is targeted at providing
application to provide an easy and cost effective solution.
The SS7529 control circuit is supplied by 5v and the high-
side MOSFET driver is supplied by 12V to eliminate the
bootstrap circuit.
The SS7529 integrates a synchronous-rectified buck
controller and a linear power controller to control the
supply of both the high-current requirement of the GPU
and the low current requirement of memory. To address
fault conditions, UVP (Under-Voltage Protection) is
implemented on both outputs and OVP (Over-Voltage
Protection) on the linear controller.
The high switching frequency (600kHz) helps to reduce
component sizes and the output ripple.
Initialization
There is a smart power-on-reset (POR) circuit to monitor
both 5Vcc and 12Vcc to identify if controller has started
operation or not. This is to prevent fault conditions from
undesirable power sequencing. With this, users can
easily implement circuits without worrying about the
power sequencing.
Soft-Start
The POR function initiates the soft-start function after the
5Vcc and 12Vcc reach their threshold voltage. The built-in
soft-start function is to prevent inrush current and output
voltage overshoot during power on. An internal digital
counter controls the soft-start voltage. It clamps the
ramping of reference voltage at the input of the error
amplifier and increases the pulse width of the output driver
slowly. The typical soft-start duration is 3.4mS.
Under-Voltage Protection
The under-voltage protection (UVP) of the SS7529 is
implemented by monitoring the feedback signal at FB and
FB2 pins. Whenever one of these two signals drops below
51% of the internal reference, the UVP will be triggered
and then both outputs will be quickly shut down. Unless
the fault condition is removed, both outputs will keep in
hiccup mode operation.
Output Voltage Setting
Both SS7529 outputs achieve regulation by feedback
from the voltage dividers. Therefore, the output voltage
can be easily programmed by the resistor values in the
following equation.
For switching output (figure 7),
=0.8V
V
R
R
R
V
OUT
Ref
4
1
4
1
=
+
×
SS7529
12VCC
5VCC
+5V
+12V
+3.3V
Vout1
UGATE
LGATE
FB
COMP
R4
R2
C1
C2
R1
C3
R3
Figure 7. OUTPUT VOLTAGE SELECTION OF THE PWM
OUTPUT
For linear output (figure 8),
R
R
R
V
OUT
6
5
6
2
+
×
= 0.8V
Vout2
+3.3Vin
SS7529
R5
R6
DRIVER2
FB2
Cout2
Figure 8. OUTPUT VOLTAGE SELECTION OF THE LINEAR
OUTPUT
Converter Shutdown
Forcing the FB2 pin to be higher than a threshold of 1.28V
will shutdown both regulators. When the applied voltage
is removed, the regulators will return to the re-start cycle
and begin the soft-start process.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com