Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7529CSTB Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS7529CSTB
Description  Synchronous Buck PWM and Linear Power Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7529CSTB Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS7529CSTB Datasheet HTML 1Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
SS7529
Rev.1.01 4/26/2004
Synchronous Buck PWM and Linear Power Controller
GENERAL DESCRIPTION
The SS7529 consists of a dual-output power controller
and the protection circuits in a single SO-14 package
for graphic cards and other applications.
The dual-output power controller provides regulation by
driving two N-MOSFETs in a synchronous rectified buck
converter, and one N-MOSFET in a linear configuration.
The synchronous rectified buck converter provides
simple, single feedback loop, voltage mode control with
fast transient response, from an internal 0.8V temperature-
compensated
reference
voltage.
A
fixed
600kHz
frequency oscillator reduces design complexity, while
balancing typical application cost and efficiency.
The internal soft-start function and the 12V direct drive
on the switching output help to save the bootstrap circuit.
Furthermore, the internal POR (power on reset) helps to
prevent the system from sequencing issues during the
startup and turn-off.
Reacting to fault conditions,
the SS7529 will shutdown both outputs when the
voltage on either FB or FB2 pins drops below 51% of
their nominal value.
TYPICAL APPLICATIONS
FEATURE
Controller operates from 5V and 12V
Drives two N-channel MOSFETs for switching buck
converter
Drives an N-channel MOSFET on the linear output
Fixed 600kHz constant switching frequency
Full range 0~100% duty cycle
Internal soft start
Fast transient response
UVP monitoring on both outputs
Internal 0.8V reference voltage.
APPLICATIONS
Graphics-GPU and memory supplies
ASIC power supplies
Embedded processor and I/O supplies
Cable Modem, Set Top Box, and DSL Modems
DSP and Core Communications Processor
supplies
OSC
FB
Comp
LGATE
UGATE
5VCC
Control
Logic
GND
Shutdown
Error Amp
Vin (3.3V or 5V)
Vout
Vout
12VCC
PGND
Vref
Linear
Controller
5V
12V
FB2
DRIVE2
Q1
Q2
Q3


Similar Part No. - SS7529CSTB

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
SS750 HUBBELL-SS750 Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
logo
Silicon Standard Corp.
SS7500 SSC-SS7500 Datasheet
570Kb / 5P
Multi-mode SCSI Terminator
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505 Datasheet
1Mb / 7P
75V N-Channel MOSFET
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
75V N-Channel MOSFET
logo
Silicon Standard Corp.
SS7519 SSC-SS7519 Datasheet
298Kb / 5P
Multi-mode SCSI Terminator
More results

Similar Description - SS7529CSTB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
Synchronous Buck PWM and Linear Controller
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
Synchronous Buck PWM and Linear Controller
logo
Richtek Technology Corp...
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
Synchronous Buck PWM and Linear Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com