Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7529CSTB Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS7529CSTB
Description  Synchronous Buck PWM and Linear Power Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7529CSTB Datasheet(HTML) 7 Page - Silicon Standard Corp.

  SS7529CSTB Datasheet HTML 1Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS7529CSTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.SiliconStandard.com
7 of 8
SS7529
Rev.1.01 4/26/2004
Layout Hints
There are some principles which should be followed when
designing with the SS7529:
1. Keep the bypass capacitors of 5VCC and 12VCC very
close to IC.
2.
Keep output voltage feed back network, FB pin and
FB2
pin
related
components
(small
signal
components) very close to IC.
3.
Signal ground plane of FB and FB2 pin (small signal
components) should be connected to the power
ground plane with a via or only one point to
minimizes the effect of power ground currents.
4.
Switching node such as UGATE and LGATE should
be kept as small as possible and routed away from
FB, FB2, and other linear circuit.
5.
The PCB traces carrying discontinuous currents and
any high current path should be made as short and
wide as possible.
6.
If possible, a multi-layer PCB is recommended.
Please refer to the EV kit of SS7529 for a PCB layout
example.
Typical Application Circuit
NC
11
FB2
6
DRIVES2
5
COMP
10
FB
9
LGAT
1
UGAT
14
NC
7
NC
8
NC
12
SS7529
J1
12V
J2
5V
1
J3
2.5Vout
1
J4
1.6Vout
1
J5
+3.3Vin
C1
1u
C2
1u
12V
5V
Q1
3055
R1
1k
R4
4.64k
R5
2.15k
R6
6.8k
R2
1k
R7
10.7k
R3
1k
R8
0 ohm
C4
470p
C5
2.2n
C6
47n
L1
1u
L2
2uH
C7
1.2n
C8
470uF
C9
470uF
C10
330uF
C15
1u
C11
330uF
C12
330uF
C13
470uF
C16
1uF
C3
1uF
+3.3V
1
J6
GND
SW1
SW DPST
1
J7
GND
C14
470uF
1
J8
CON1
Q2
Q3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com