Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8000GQTY Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8000GQTY
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000GQTY Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8000GQTY Datasheet HTML 1Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 2Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 3Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 4Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 5Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 6Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 7Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 8Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.SiliconStandard.com
3 of 14
SS8000G
ELECTRICAL CHARACTERISTICS
(Vbat = 3V-5.5V, CVa=10µF, CVcore =CVm=4.7
µF, CVrtc=0.22µF, CVref=CVtcxo=CVsim=CVio=1µF, minimum loads applied on all
outputs, unless otherwise noted. Typical values are at TA=+25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Controller
Battery Input Voltage Range
3
5.5
V
Charger Input Voltage Range
15
V
Shutdown Supply Current
Vbat<2.5V
2.5V<Vbat<3.2V
3.2V<Vbat
5
30
45
20
55
80
µA
Operation Ground Current
All Output on
Vtcxo off, all others on
Va, Vtcxo off, all others on
187
148
108
500
200
150
µA
UVLO on Threshold
Vbat
3.15
3.18
3.2
V
UVLO Hysteresis
Vbat
200
mV
Deep Discharging Lockout on Threshold
2.6
V
Deep Discharging Lockout Hysteresis
100
mV
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
25
°C
LDO Enable Response Time
250
µs
Power Key Input High Voltage
PWRKEY
0.7xVbat
V
Power Key Input Low Voltage
PWRKEY
0.3xVbat
V
PWRBB Input High Voltage
PWRBB
1
PWRBB Input Low Voltage
PWRBB
0.2
Control Input High Voltage
2
V
Control Input Low Voltage
VMSEL,SIMSEL,SIMVCC,SRCLKEN,VASEL,
BATUSE,LEDEN,VIBRATOREN,ALERTEREN
0.5
V
Digital Core Voltage LDO (Vcore)
Output Voltage
1.7
1.8
1.9
V
Output Short Current Limit
430
mA
Load Regulation
0.05mA < I_load< 200mA
1.3
10
mV
Line Regulation
3.2V < Vbat < 5.5V
3.3
5
mV
Digital IO Voltage LDO (Vio)
Output Voltage
2.7
2.8
2.9
V
Output Short Current Limit
275
mA
Load Regulation
0.05mA<I_load<100mA at Vbat=3.6V
3
10
mV
Line Regulation
3.2V<Vbat<5.5V
4.6
5
mV
Analog Voltage LDO (Va)
Output Voltage
2.7
2.8
2.9
V
Output Short Current Limit
400
mA
Load Regulation
0.05mA<I_load<150mA at Vbat=3.6V
3.3
10
mV
Line Regulation
3.2V<Vbat<5.5V
0.4
5
mV
Output Noise Voltage
Frequency from 10Hz to 100kHz
50
µVrms
Ripple Rejection
Frequency from 10Hz to 3kHz
Frequency from 3kHz to 1MHz
65
40
dB
VTCXO Voltage LDO (Vtcxo)
Output Voltage
2.7
2.8
2.9
V
Output Short Current Limit
45
mA
Load Regulation
0.05mA<I_load<20mA at Vbat=3.6V
0.1
2
mV
Line Regulation
3.2V<Vbat<5.5V
0.4
3
mV
Output Noise Voltage
Frequency from 10Hz to 100kHz
50
µVrms
Ripple Rejection
Frequency from 10Hz to 3kHz
Frequency from 3kHz to 1MHz
65
40
dB
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com