Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8000GQTY Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8000GQTY
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000GQTY Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8000GQTY Datasheet HTML 1Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 2Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 3Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 4Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 5Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 6Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 7Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 8Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.SiliconStandard.com
4 of 14
SS8000G
ELECTRICAL CHARACTERISTICS (cont.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RTC Voltage LDO (Vrtc)
Output Voltage
1.3
1.5
1.65
V
Output Short Current Limit
1.35
mA
Off Reverse Input Current
0.02
1
µA
Memory Voltage LDO (Vm)
1.8V Output Voltage
1.7
1.8
1.9
V
2.8V Output Voltage
2.7
2.8
2.9
V
Output Short Current Limit
315
mA
Load Regulation(1.8V)
Load Regulation(2.8V)
0.05mA<I_load<150mA at Vbat=3.6V
2.7
4.4
10
10
mV
Line Regulation(1.8V)
Line Regulation(2.8V)
3.2V<Vbat<5.5V
2.6
2.8
5
5
mV
SIM Voltage LDO (Vsim)
1.8V Output Voltage
1.65
1.8
1.95
V
3.0V Output Voltage
2.75
3.0
3.1
V
Output Short Current Limit
38
mA
Load Regulation(1.8V)
Load Regulation(3.0V)
0.05mA<I_load<20mA at Vbat=3.6V
1
1.7
2
2
mV
Line Regulation(1.8V)
Line Regulation(3.0V)
3.2V<Vbat<5.5V
1.2
3
3
mV
Reference Voltage Output
Reference Voltage
1.235
V
Line Regulation
2.7V<Vbat<5.5V without load
0.3
2
mV
Output Noise Voltage
Frequency from 10Hz to 100kHz
40
µVrms
Ripple Rejection
Frequency at 217Hz
65
75
dB
Reset Generator
Reset Output High Voltage
Vio-0.5
V
Reset Output Low Voltage
0.2
V
Reset Output Current
1
mA
Reset on Delay Time per unit Cap.
2
ms/nF
LED/Alerter/Vibrator Driver
Sink Current of LED Driver
Von<0.3V
150
mA
Sink Current of Alerter Driver
Von<0.3V
300
mA
Sink Current of Vibrator Driver
Von<0.5V
250
mA
Battery Charger
Charge Output Voltage (Li-ion Battery)
BATUSE=0
4.2
V
Charge Output Voltage (NiMH Battery)
BATUSE=1
5.1
V
Chr_Det On Threshold
(Chrin-Vbat)/Vbat , Chrin>4V
3.75
%
Chr_Det Off Threshold
(Chrin-Vbat)/Vbat , Chrin>4V
2.5
%
Pre-charging Current
I_charge@Vbat=3V(UVLO Active), R1=0.2
Ω
50
mV
GSM Interface
Vih(SIMCLK,SIMRST)
Vio-0.6
V
Vil (SIMCLK,SIMRST)
0.6
V
Vol? 0.4V, Iol=1mA
0.23
V
Vilsimio
Vol? 0.4V, Iol=0mA
0.335
V
Vihsimio , Vohsimio
Iih,Ioh=
± 20µA
Vio-0.6
V
Iilsimio
Vil=0V
-0.9
mA
Volsimio
Vil=0.4V
0.42
V
SIMIO Pull-up Resistance to Vio
16
20
24
K
Ω
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com