Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8000GQTY Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8000GQTY
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000GQTY Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8000GQTY Datasheet HTML 1Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 2Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 3Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 4Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 5Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 6Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 7Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 8Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.SiliconStandard.com
5 of 14
SS8000G
ELECTRICAL CHARACTERISTICS (cont.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Interface to 3V SIM card
Volrst
I=20µA
0.4
V
Vohrst
I=-200µA
0.9Vsim
V
Volclk
I=20µA
0.4
V
Vohclk
I=-200µA
0.9Vsim
V
Vil
0.4
V
Vihsio , Vohsio
I=
± 20µA
Vsim-0.4
V
Iil
Vil=0V
-1
mA
Vol
Iol=1mA , SIMIO? 0.23V
0.4
V
Interface to 1.8V SIM card
Volrst
I=20µA
0.2Vsim
V
Vohrst
I=-200µA
0.9Vsim
V
Volclk
I=20µA
0.2Vsim
V
Vohclk
I=-200µA
0.9Vsim
V
Vil
0.4
V
Vihsio , Vohsio
I=
± 20µA
Vsim-0.4
V
Iil
Vil=0V
-1
mA
Vol
Iol=1mA , SIMIO? 0.23V
0.4
V
SIM Card Interface Timing
SIO Pull-up Resistance to Vsim
8
10
12
K
Ω
SRST , SIO rise/fall time
Vsim=3/1.8V, load with 30pF
1
µS
Vsim=3V, CLK load with 30pF
18
nS
SCLK rise/fall time
Vsim=1.8V, CLK load with 30pF
50
nS
SCLK frequency
CLK load with 30pF
5
Mhz
SCLK duty cycle
SIMCLK Duty=50%, fsimclk=5Mhz
47
53
%
SCLK Prop. Delay
30
50
nS
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com