Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8000GQTY Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS8000GQTY
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000GQTY Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS8000GQTY Datasheet HTML 6Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 7Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 8Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 9Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 10Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 11Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 12Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 13Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.SiliconStandard.com
13 of 14
APPLICATION INFORMATION (cont.)
SS8000G
External Components Selection
Input Capacitor Selection
For each of the input pins (VBAT) of the SS8000, a
10µF, low ESR capacitor is recommended for local by-
pass. MLCC capacitors provide the best combination of
low ESR and small size. Using a 10µF tantalum capaci-
tor with a small (1µF or 2.2µF) ceramic in parallel is an
alternative low cost solution.
For the charger input pin (CHRIN), a 1µF ceramic ca-
pacitor is recommended for bypass.
LDO Capacitor Selection
The digital core, analog, and memory LDOs require a
4.7µF capacitor, the digital IO and SIM TCXO LDOs
require a 1µF capacitor and the RTC LDO requires a
0.22µF capacitor. Larger value capacitors may be used
for improved noise or PSRR performance, but do not
forget to consider the settling time that is acceptable for
the application. For these, MLCC is recommended.
RESET Capacitor Selection
RESET is held low during power-up for a delay until the
LDOs are up. The delay is set by an external capacitor
on the RESCAP pin. It can be determined by Eq.(1). A
100nF capacitor will produce a 200ms delay.
Setting the Charge Current
The SS8000 is capable of charging the battery with a
charging current programmed by an external sense re-
sistor, Rsen. It is calculated using Eq.(3). If the charge
current is defined, Rsen can be found.
Appropriate sense resistors are available from the fol-
lowing vendors: Vishay Dale, IRC, Panasonic.
Charger FET Selection
In selecting the P-channel MOSFET for the charger,
consider the minimum drain-source breakdown voltage
(BVDS), the minimum turn-on threshold voltage (VGS),
and current-handling and power-dissipation capabilities.
Charger Diode Selection
The diode shown in Figure 3 is used to prevent the bat-
tery from discharging through the P-channel MOSFETs
body-diode into the charger’s internal circuits. Choose a
diode with a current rating high enough to handle the
battery charging current and a voltage rating greater
than Vbat.
Layout Guidelines
Use the following general guidelines when designing the
printed circuit boards:
1. Split the battery connection to the VBAT, AVBAT pins
of the SS8000. Locate the input capacitor as close
to the pins as possible.
2. Va and Vtcxo capacitors should be returned to AGND.
3. Split the ground connection. Use separate traces or
planes for the analog, digital, and power grounds (i.e.
AGND, DGND, PGND pins of the SS8000, respec-
tively) and tie them together at a single point, prefera-
bly close to the battery return.
4. Run a separate trace from the BATSNS pin to the
battery to prevent any voltage drop error in the meas-
urement.
5. Kelvin-connect the charge-current sense-resistor by
running separate traces to the BATSNS and ISENSE
pins. Make sure that the traces are terminated as
close to the resistor’s body as possible.
6. Careful use of copper area, weight, and multi-layer
construction will help to improve thermal performance.
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com