Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8021 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8021
Description  Stereo Headphone Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8021 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8021 Datasheet HTML 1Page - Silicon Standard Corp. SS8021 Datasheet HTML 2Page - Silicon Standard Corp. SS8021 Datasheet HTML 3Page - Silicon Standard Corp. SS8021 Datasheet HTML 4Page - Silicon Standard Corp. SS8021 Datasheet HTML 5Page - Silicon Standard Corp. SS8021 Datasheet HTML 6Page - Silicon Standard Corp. SS8021 Datasheet HTML 7Page - Silicon Standard Corp. SS8021 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.SiliconStandard.com
2 of 8
SS8021
8/21/2004 Rev.2.01
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Note1)
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VDD
Supply voltage
0
7.0
V
Tstg
Storage temperature
-65
+150
°C
Tamb
Operating ambient temperature
-40
+85
°C
ESD
ESD voltage
HBM
-
2
KV
Notes:
1. Absolute Maximum Ratings are limits beyond which damage to the device may occur.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
Thermal resistance from junction to ambient in free air SO8
240
°C/W
TEST AND APPLICATION INFORMATION
Fig.1 Measurement circuit for inverting application
_
+
1
2
3
4
5
6
7
8
OUTA
INA(neg)
INA(pos)
V
SS
V
DD
OUTB
INB(neg)
INB(pos)
_
+
_
+
SS8021
1
2
3
4
5
6
7
8
OUTA
INA(neg)
INA(pos)
V
SS
V
DD
OUTB
INB(neg)
INB(pos)
_
+
2
3
V
DD
V
INA
V
INB
5
6
74
18
+
220µF
V
OUTA
R
L
+
C6
100µF
220µF
+
R
L
V
OUTB
2.2µF
2.2µF
1µF
_
+
2
3
V
DD
V
INA
3.9k
Ω
3.9k
Ω
V
INB
3.9k
Ω
5
6
74
18
SS8021
3.9k
Ω
+
220µF
V
OUTA
R
L
+
C6
100µF
220µF
+
R
L
V
OUTB
2.2µF
2.2µF
100k
Ω
100k
Ω
1µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com