Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8021 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8021
Description  Stereo Headphone Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8021 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8021 Datasheet HTML 1Page - Silicon Standard Corp. SS8021 Datasheet HTML 2Page - Silicon Standard Corp. SS8021 Datasheet HTML 3Page - Silicon Standard Corp. SS8021 Datasheet HTML 4Page - Silicon Standard Corp. SS8021 Datasheet HTML 5Page - Silicon Standard Corp. SS8021 Datasheet HTML 6Page - Silicon Standard Corp. SS8021 Datasheet HTML 7Page - Silicon Standard Corp. SS8021 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.SiliconStandard.com
3 of 8
SS8021
8/21/2004 Rev.2.01
ELECTRICAL CHARACTERISTICS
VDD = 5V; VSS= 0V; TA = 25°C; fI= 1kHz; RL = 32
Ω connected to V
DD/2; unless otherwise specified.
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Supplies
Supply voltage
3.0
5.0
6.5
V
Single
3.0
5.0
6.5
V
VDD
Dual
1.5
2.5
3.25
V
VSS
Negative supply voltage
-1.5
-2.5
-3.25
V
IDD
Supply current
no load
-
3.0
5.0
mA
Ptot
Total power dissipation
no load
-
15
25
mW
DC Characteristics
VI(OS)
Input offset voltage
-50
-
50
mV
VCM
Common mode voltage
0
-
3.5
V
GV
Open-loop voltage gain
RL = 5k
Ω
60
90
-
dB
IO
Maximum output current
THD+N <0.1%
-
70
-
mA
RO
Output resistance
closed-loop
-
0.1
-
Ω
VDD-VOH
Output Voltage Swing High
Sourcing current = 100mA
-
0.4
1
V
VOL-VSS
Output Voltage Swing Low
Sinking current = 100mA
-
0.5
1
V
PSRR
Power supply rejection ratio
fi = 1kHz;
Vripple(rms) = 100mVrms
-
70
-
dB
α
CS
Channel separation
RL=32
Ω ,C
b=1µF, PO=70mW
-
65
-
dB
AC Characteristics
THD
Total harmonic distortion
note 2
-
< 0.1
-
%
fG
Unity gain frequency
open-loop; RL = 5k
Ω
-
5
-
MHz
note 1; RL = 16
Ω ; f=1kHz
-
125
-
mW
PO
Maximum output power
note 1; RL = 32
Ω ; f=1kHz
-
75
-
mW
Notes:
1. Values are proportional to VDD; THD+N < 0.1%
2. VDD = 5.0V; VO(P-P) = 4.0V (at 0 dB)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com