Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8021 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8021
Description  Stereo Headphone Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8021 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8021 Datasheet HTML 1Page - Silicon Standard Corp. SS8021 Datasheet HTML 2Page - Silicon Standard Corp. SS8021 Datasheet HTML 3Page - Silicon Standard Corp. SS8021 Datasheet HTML 4Page - Silicon Standard Corp. SS8021 Datasheet HTML 5Page - Silicon Standard Corp. SS8021 Datasheet HTML 6Page - Silicon Standard Corp. SS8021 Datasheet HTML 7Page - Silicon Standard Corp. SS8021 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.SiliconStandard.com
4 of 8
SS8021
8/21/2004 Rev.2.01
Electrical Characteristics
CIN=2.2µF, COUT=330µF, Cb=1µF, Av=1, Ri=18k
Ω , R
f=18k
Ω ; A
v=-2, Ri=18k
Ω , R
f=36k
Ω ; A
v=-4, Ri=9k
Ω ,R
f=36k
Ω ,T
A=25°C
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
200m
2m
5m
10m
20m
50m
100m
W
VDD=5V
RL=32
Ω
Av=-1
20kHz
1kHz
20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=32
Ω
Po=50mW
Av=-1V/V
Av=-2V/V
Av=-4V/V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=32
Ω
Av=-1
Po=70mW
Po=60mW
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
2m
200m
5m
10m
20m
50m
100m
W
VDD=5V
RL=16
Ω
Av=-1
20kHz
1kHz
20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=16
Ω
Po=50mW
Av=-4V/V
Av=-2V/V
Av=-1V/V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
100m
2m
5m
10m
20m
50m
W
VDD=3.3V
RL=32
Ω
Av=-1
20kHz
1kHz
20Hz
THD+N vs Output Power
THD+N vs Frequency
THD+N vs Frequency
THD+N vs Output Power
THD+N vs Frequency
THD+N vs Output Power



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com