Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8021 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8021
Description  Stereo Headphone Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8021 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8021 Datasheet HTML 1Page - Silicon Standard Corp. SS8021 Datasheet HTML 2Page - Silicon Standard Corp. SS8021 Datasheet HTML 3Page - Silicon Standard Corp. SS8021 Datasheet HTML 4Page - Silicon Standard Corp. SS8021 Datasheet HTML 5Page - Silicon Standard Corp. SS8021 Datasheet HTML 6Page - Silicon Standard Corp. SS8021 Datasheet HTML 7Page - Silicon Standard Corp. SS8021 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.SiliconStandard.com
5 of 8
SS8021
8/21/2004 Rev.2.01
ELECTRICAL CHARACTERISTICS (continued)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=3.3V
RL=32
Ω
Po=25mW
Av=-1V/V
Av=-2V/V
Av=-4V/V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
2m
100m
3m
4m
5m 6m 7m
10m
20m
30m
40m 50m
70m
W
VDD=3.3V
RL=16
Ω
Av=-1
20kHz
1kHz
20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=3.3V
RL=16
Ω
Po=25mW
Av=-4V/V
Av=-2V/V
Av=-1V/V
10u
100u
20u
30u
40u
50u
60u
70u
80u
90u
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=32
Ω
Av=-1
Cb=1µF
BW=20kHz , No filters
A- Weighting
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=32
Ω
Av=-1
Po=70mW
Cb=1µF
Channel B to A
Channel A to B
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=32
Ω
Av=-1
Vripple=100mVrms
Cb=1µF
Vpin 3,5=2.5V FORCED
THD+N vs Frequency
THD+N vs Output Power
THD+N vs Frequency
Output Noise
Channel Separation
Power Supply Rejection Ratio



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com