Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C64DM Datasheet(PDF) 11 Page - Xicor Inc.

Part # X28C64DM
Description  5 Volt, Byte Alterable E2PROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C64DM Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X28C64DM Datasheet HTML 7Page - Xicor Inc. X28C64DM Datasheet HTML 8Page - Xicor Inc. X28C64DM Datasheet HTML 9Page - Xicor Inc. X28C64DM Datasheet HTML 10Page - Xicor Inc. X28C64DM Datasheet HTML 11Page - Xicor Inc. X28C64DM Datasheet HTML 12Page - Xicor Inc. X28C64DM Datasheet HTML 13Page - Xicor Inc. X28C64DM Datasheet HTML 14Page - Xicor Inc. X28C64DM Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
X28C64
11
ENDURANCE AND DATA RETENTION
Parameter
Min.
Units
Minimum Endurance
100,000
Cycles
Data Retention
100
Years
3853 PGM T05.1
POWER-UP TIMING
Symbol
Parameter
Typ.(1)
Units
tPUR(3)
Power-up to Read Operation
100
µs
tPUW(3)
Power-up to Write Operation
5
ms
3853 PGM T06
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(3)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(3)
Input Capacitance
6
pF
VIN = 0V
3853 PGM T07.1
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
3853 PGM T08.1
MODE SELECTION
CE
OE
WE
Mode
I/O
Power
L
L
H
Read
DOUT
Active
L
H
L
Write
DIN
Active
H
X
X
Standby and
High Z
Standby
Write Inhibit
X
L
X
Write Inhibit
—
—
X
X
H
Write Inhibit
—
—
3853 PGM T09
EQUIVALENT A.C. LOAD CIRCUIT
Note:
(3) This parameter is periodically sampled and not 100% tested.
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
3853 FHD F20.3
5V
1.92K
Ω
100pF
OUTPUT
1.37K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com