Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C64DM Datasheet(PDF) 1 Page - Xicor Inc.

Part # X28C64DM
Description  5 Volt, Byte Alterable E2PROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C64DM Datasheet(HTML) 1 Page - Xicor Inc.

  X28C64DM Datasheet HTML 1Page - Xicor Inc. X28C64DM Datasheet HTML 2Page - Xicor Inc. X28C64DM Datasheet HTML 3Page - Xicor Inc. X28C64DM Datasheet HTML 4Page - Xicor Inc. X28C64DM Datasheet HTML 5Page - Xicor Inc. X28C64DM Datasheet HTML 6Page - Xicor Inc. X28C64DM Datasheet HTML 7Page - Xicor Inc. X28C64DM Datasheet HTML 8Page - Xicor Inc. X28C64DM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
X28C64
1
5 Volt, Byte Alterable E2PROM
© Xicor, Inc. 1991, 1995 Patents Pending
Characteristics subject to change without notice
3853-2.7 4/2/96 T0/C3/D2 NS
DESCRIPTION
The X28C64 is an 8K x 8 E2PROM, fabricated with
Xicor’s proprietary, high performance, floating gate
CMOS technology. Like all Xicor programmable non-
volatile memories the X28C64 is a 5V only device. The
X28C64 features the JEDEC approved pinout for byte-
wide memories, compatible with industry standard RAMs.
The X28C64 supports a 64-byte page write operation,
effectively providing a 78
µs/byte write cycle and en-
abling the entire memory to be typically written in 0.625
seconds. The X28C64 also features
DATA and Toggle
Bit Polling, a system software support scheme used to
indicate the early completion of a write cycle. In addi-
tion, the X28C64 includes a user-optional software data
protection mode that further enhances Xicor’s hard-
ware write protect capability.
Xicor E2PROMs are designed and tested for applica-
tions requiring extended endurance. Inherent data re-
tention is greater than 100 years.
FEATURES
• 150ns Access Time
• Simple Byte and Page Write
—Single 5V Supply
—No External High Voltages or VPP Control
Circuits
—Self-Timed
—No Erase Before Write
—No Complex Programming Algorithms
—No Overerase Problem
• Low Power CMOS
—60mA Active Current Max.
—200
µA Standby Current Max.
• Fast Write Cycle Times
—64 Byte Page Write Operation
—Byte or Page Write Cycle: 5ms Typical
—Complete Memory Rewrite: 0.625 sec. Typical
—Effective Byte Write Cycle Time: 78
µs Typical
• Software Data Protection
• End of Write Detection
—
DATA Polling
—Toggle Bit
• High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
• JEDEC Approved Byte-Wide Pinout
64K
X28C64
8K x 8 Bit
PIN CONFIGURATION
PLASTIC DIP
CERDIP
FLAT PACK
SOIC
3853 FHD F02
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
NC
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/04
I/O3
X28C64
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
X28C64
3853 ILL F23.1
A3
A4
A5
A6
A7
A12
NC
NC
VCC
NC
WE
NC
A8
A9
A11
OE
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A2
A1
A0
I/O0
I/O1
I/O2
NC
VSS
NC
I/O3
I/O4
I/O5
I/O6
I/O7
CE
A10
TSOP
3853 FHD F03
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
4
3
2
1 32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
X28C64
LCC
PLCC


Similar Part No. - X28C64DM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
5 Volt, Byte Alterable EEPROM
May 11, 2005
X28C010 INTERSIL-X28C010 Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
logo
Renesas Technology Corp
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
logo
Intersil Corporation
X28C010D INTERSIL-X28C010D Datasheet
617Kb / 23P
5 Volt, Byte Alterable EEPROM
May 11, 2005
More results

Similar Description - X28C64DM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2804C XICOR-X2804C Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com