Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C64DM Datasheet(PDF) 3 Page - Xicor Inc.

Part # X28C64DM
Description  5 Volt, Byte Alterable E2PROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C64DM Datasheet(HTML) 3 Page - Xicor Inc.

  X28C64DM Datasheet HTML 1Page - Xicor Inc. X28C64DM Datasheet HTML 2Page - Xicor Inc. X28C64DM Datasheet HTML 3Page - Xicor Inc. X28C64DM Datasheet HTML 4Page - Xicor Inc. X28C64DM Datasheet HTML 5Page - Xicor Inc. X28C64DM Datasheet HTML 6Page - Xicor Inc. X28C64DM Datasheet HTML 7Page - Xicor Inc. X28C64DM Datasheet HTML 8Page - Xicor Inc. X28C64DM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
X28C64
3
DEVICE OPERATION
Read
Read operations are initiated by both
OE and CE LOW.
The read operation is terminated by either
CE or OE
returning HIGH. This two line control architecture elimi-
nates bus contention in a system environment. The data
bus will be in a high impedance state when either
OE or
CE is HIGH.
Write
Write operations are initiated when both
CE and WE are
LOW and
OE is HIGH. The X28C64 supports both a CE
and
WE controlled write cycle. That is, the address is
latched by the falling edge of either
CE or WE, whichever
occurs last. Similarly, the data is latched internally by the
rising edge of either
CE or WE, whichever occurs first.
A byte write operation, once initiated, will automatically
continue to completion, typically within 5ms.
Page Write Operation
The page write feature of the X28C64 allows the entire
memory to be written in 0.625 seconds. Page write
allows two to sixty-four bytes of data to be consecutively
written to the X28C64 prior to the commencement of the
internal programming cycle. The host can fetch data
from another device within the system during a page
write operation (change the source address), but the
page address (A6 through A12) for each subsequent
valid write cycle to the part during this operation must be
the same as the initial page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host
can write an additional one to sixty-three bytes in the
same manner as the first byte was written. Each succes-
sive byte load cycle, started by the
WE HIGH to LOW
transition, must begin within 100
µs of the falling edge of
the preceding
WE. If a subsequent WE HIGH to LOW
transition is not detected within 100
µs, the internal
automatic programming cycle will commence. There is
no page write window limitation. Effectively the page
write window is infinitely wide, so long as the host
continues to access the device within the byte load cycle
time of 100
µs.
Write Operation Status Bits
The X28C64 provides the user two write operation
status bits. These can be used to optimize a system
write cycle time. The status bits are mapped onto the
I/O bus as shown in Figure 1.
DATA Polling (I/O7)
The X28C64 features
DATA Polling as a method to
indicate to the host system that the byte write or page
write cycle has completed.
DATA Polling allows a simple
bit test operation to determine the status of the X28C64,
eliminating additional interrupt inputs or external hard-
ware. During the internal programming cycle, any at-
tempt to read the last byte written will produce the
complement of that data on I/O7 (i.e. write data = 0xxx
xxxx, read data = 1xxx xxxx). Once the programming
cycle is complete, I/O7 will reflect true data. Note: If the
X28C64 is in the protected state and an illegal write
operation is attempted
DATA Polling will not operate.
Toggle Bit (I/O6)
The X28C64 also provides another method for deter-
mining when the internal write cycle is complete. During
the internal programming cycle I/O6 will toggle from
HIGH to LOW and LOW to HIGH on subsequent
attempts to read the device. When the internal cycle is
complete the toggling will cease and the device will be
accessible for additional read or write operations.
Figure 1. Status Bit Assignment
3853 FHD F11
5
TB
DP
43210
I/O
RESERVED
TOGGLE BIT
DATA POLLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com