Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C64DM Datasheet(PDF) 12 Page - Xicor Inc.

Part # X28C64DM
Description  5 Volt, Byte Alterable E2PROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C64DM Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X28C64DM Datasheet HTML 8Page - Xicor Inc. X28C64DM Datasheet HTML 9Page - Xicor Inc. X28C64DM Datasheet HTML 10Page - Xicor Inc. X28C64DM Datasheet HTML 11Page - Xicor Inc. X28C64DM Datasheet HTML 12Page - Xicor Inc. X28C64DM Datasheet HTML 13Page - Xicor Inc. X28C64DM Datasheet HTML 14Page - Xicor Inc. X28C64DM Datasheet HTML 15Page - Xicor Inc. X28C64DM Datasheet HTML 16Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
X28C64
Read Cycle Limits
X28C64-15
X28C64-20
X28C64-25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
150
200
250
ns
tCE
Chip Enable Access Time
150
200
250
ns
tAA
Address Access Time
150
200
250
ns
tOE
Output Enable Access Time
70
80
100
ns
tLZ(4)
CE LOW to Active Output
0
0
0
ns
tOLZ(4)
OE LOW to Active Output
0
0
0
ns
tHZ(4)
CE HIGH to High Z Output
50
50
50
ns
tOHZ(4)
OE HIGH to High Z Output
50
50
50
ns
tOH
Output Hold from Address Change
0
0
0
ns
3856 PGM T10.1
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified.)
Read Cycle
3853 FHD F05
Notes: (4) tLZ min.,tHZ, tOLZ min., and tOHZ are periodically sampled and not 100% tested. tHZ max. and tOHZ max. are measured, with
CL = 5pF, from the point when CE or OE return HIGH (whichever occurs first) to the time when the outputs are no longer driven.
tCE
tRC
ADDR.
CE
OE
WE
DATA VALID
DATA VALID
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
DATA I/O
VIH
HIGH Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com