Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9972GI Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM9972GI
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9972GI Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM9972GI Datasheet HTML 1Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 2Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 3Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 4Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (at Tj = 25°C, unless otherwise specified)
Notes:
1.Pulse width must be limited to avoid exceeding the maximum junction temperature of 150°C.
2.Pulse width <300us, duty cycle <2%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-source breakdown voltage
VGS=0V, ID= 250uA
60
-
-
V
∆BV
DSS/
∆Tj
Breakdown voltage temperature coefficient
Reference to 25°C, ID=1mA
-
0.06
-
V/°C
RDS(ON)
Static drain-source on-resistance
VGS=10V, ID=23A
-
-
18
m
Ω
VGS(th)
Gate threshold voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward transconductance
VDS=10V, ID=23A
-
40
-
S
IDSS
Drain-source leakage current
V
DS=60V, VGS=0V
-
-
10
uA
VDS=48V ,VGS=0V, Tj = 150°C
-
-
25
uA
IGSS
Gate-source leakage current
VGS=±25V
-
-
±100
nA
Qg
Total gate charge
2
ID=23A
-
35
56
nC
Qgs
Gate-source charge
VDS=48V
-
9.5
-
nC
Qgd
Gate-drain ("Miller") charge
VGS=4.5V
-
20
-
nC
td(on)
Turn-on delay time
2
VDS=30V
-
12
-
ns
tr
Rise time
ID=35A
-
37
-
ns
td(off)
Turn-off delay time
RG=3.3Ω , VGS=10V
-
47
-
ns
tf
Fall time
RD=0.86Ω
-
59
-
ns
Ciss
Input capacitance
VGS=0V
-
3160 5060
pF
Coss
Output capacitance
VDS=25V
-
280
-
pF
Crss
Reverse transfer capacitance
f=1.0MHz
-
230
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward voltage 2
IS= 23A, VGS=0V
-
-
1.2
V
t rr
Reverse recovery time
IS=23A, VGS=0V,
-
36
-
ns
Q rr
Reverse recovery charge
dI/dt=100A/µs
-
45
-
nC
www.SiliconStandard.com
2 of 5
SSM9972GI
9/20/2006 Rev.3.1
VGS=4.5V, ID=12A
-
-
22
m
Ω
Rg
Gate resistance
f=1.0MHz
-
1.6
2.4
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com