Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9972GI Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9972GI
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9972GI Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9972GI Datasheet HTML 1Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 2Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 3Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 4Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
N-channel Enhancement-mode Power MOSFET
BVDSS
60V
RDS(ON)
18m
Ω
I D
35A
The SSM9972GI achieves fast switching performance
with low gate charge without a complex drive circuit. It
is suitable for low voltage applications such as DC/DC
Pb-free; RoHS-compliant TO-220CFM
PRODUCT SUMMARY
DESCRIPTION
Notes:
1. Pulse width must be limited to avoid exceeding the safe operating area.
2. Pulse width <300us, duty cycle <2%.
converters and general switching circuits.
The SSM9972GI is in TO-220CFM for through-hole
mounting where a small footprint is required on the board,
G
D
S
TO-220CFM (suffix I)
and/or an external heatsink is to be attached.
These devices are manufactured with an advanced process,
providing improved on-resistance and switching performance.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Units
VDS
VGS
ID
IDM
PD
W/°C
TSTG
TJ
Symbol
Parameter
Value
Units
RΘJC
Maximum thermal resistance, junction-case
4
°C/W
RΘJA
Maximum thermal resistance, junction-ambient
62
°C/W
Drain-source voltage
60
V
Gate-source voltage
±25
V
Continuous drain current, TC = 25°C
35
A
TC = 100°C
22
A
Pulsed drain current
1
120
A
Total power dissipation, TC = 25°C
31
W
-55 to 150
°C
Operating junction temperature range
-55 to 150
°C
Linear derating factor
0.25
THERMAL CHARACTERISTICS
Storage temperature range
SSM9972GI
9/20/2006 Rev.3.1


Similar Part No. - SSM9972GI

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM9972GP SSC-SSM9972GP Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9972GS SSC-SSM9972GS Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM9972GI

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com