Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9972GI Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SSM9972GI
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9972GI Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SSM9972GI Datasheet HTML 1Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 2Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 3Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 4Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.SiliconStandard.com
3 of 5
SSM9972GI
9/20/2006 Rev.3.1
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
vs. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
0
30
60
90
120
02
46
8
V DS , Drain-to-Source Voltage (V)
T C = 150
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
14
16
18
20
246
8
10
V GS , Gate-to-Source Voltage (V)
I D =12 A
T C =25
o C
0.6
0.8
1.0
1.2
1.4
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =23A
V G =10V
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.2
0.7
1.2
1.7
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
30
60
90
120
024
68
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
7.0V
5.0V
4.5V
V G =3.0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com