Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9972GI Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SSM9972GI
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9972GI Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SSM9972GI Datasheet HTML 1Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 2Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 3Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 4Page - Silicon Standard Corp. SSM9972GI Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.SiliconStandard.com
4 of 5
SSM9972GI
9/20/2006 Rev.3.1
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
Q
VG
4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
12
020
40
60
80
Q G , Total Gate Charge (nC)
V DS =48V
V DS =38V
V DS =30V
I D =23 A
0
20
40
60
80
100
02
46
8
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1
10
100
1000
0.1
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
100
1000
10000
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com