Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU1RGP Datasheet(PDF) 29 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU1RGP Datasheet(HTML) 29 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU1RGP Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 31Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 32Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 33Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
FKU/FRU Thermal Cut-offs Resistors
General Specifications (Unit: mm)
Electrical Performance
W
D
ФD2
ФD1
RM
h
Power Derating Curve
Ambient Temperature (
°C)
120
100
80
60
40
20
0
120
100
160
140
80
60
40
20
0
-20
-40
5MN
5MM
25°C
Type
Dimension (mm)
W ± 1
D ± 1 H ± 1.5 RM+2/-1
h
D1(R terminal)
D2(F terminal)
FKU/FRU-5M
13
9
25
5
4.5 ±1
0.8±0.1
2A:0.6
±0.110A:1.0
±0.1
FKU/FRU-7M
13
9
38
5
FKU/FRU-10M
16
12
35
7.5
Fusing Temperature Protector
Rated Power
at 25°C (W)
Resistance
Range(Ω)
Tolerance(%)
MARK
Fusing
Temperature(°C)
Standard
Current(A)
Standard
Voltage(V)
5M
7M
10M
FKU
FRU
FKU
FRU
A
109+1/-3
10
250
1.2
1.4
2.0
1~100 110~10K J(±5)
K(±10) J(±5)
B
129±4
1.6
2.0
2.5
C
152±4
1.6
2.0
2.5
D
188+3/-1
2.0
2.4
3.5
E
226+1/-3
2.0
2.4
3.5
F
95+3/-0
2
0.8
1.2
G
110±4
1.2
1.4
H
126±4
1.4
1.6
N
130±4
1.6
2.0
M
145±4
2.1
2.4
TOKEN
27 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com