Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU1RGP Datasheet(PDF) 53 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU1RGP Datasheet(HTML) 53 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU1RGP Datasheet HTML 49Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 50Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 51Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 55Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 56Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 57Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Preview
Jumper Wire (JW series a zero-ohm link) and zero-ohm resistor (ZO series) are a link used to connect traces on a
printed circuit board that is packaged in the same format as a resistor.
The resistance of JW and ZO series is only approximately zero; only a maximum 0.05Ω is specified. Thus, a
fractional tolerance (as a percentage of the zero-ohm ideal value) would be infinite and is not specified.
Axial through-hole zero-ohm resistors are especially suited for automatic machine insertion and generally
marked with a single black band.
Token’s JW and ZO Series offer a quick solution to the following problems:
1. Circuit tuning by changing point connections.
2. An “after the fact design” the requires new point connections.
3. Inability to connect two points on a PCB board due to other circuit paths which must be crossed over.
Allowing customers to standardise on the PCB layout and use jumper wire and zero ohm resistor for required
model variations, Token has developed a wider version for the interconnection device between points on a PCB
board as jumper wires or crossovers. Contact us with your specific needs.
ZO, JW Zero Ohm Jumper Wire Resistors
Features
- Maximum resistance 0.05Ω
- Packing: Tape/Reeled or Bulk
- RoHS compliant with 100% lead free
- Lead Material: Tin-plated copper lead
- Ideal straight - through between point on PC Boards
A Quick Solution to PCB Board Connections
Zero Ohm
Jumper Wire Resistors
Applications
- Interrupt processing
- Input and output distribution
- Ideal connection for circuit boards
- Dummy components on a PCB test board
TOKEN
51 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com