Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU1RGP Datasheet(PDF) 32 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU1RGP Datasheet(HTML) 32 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU1RGP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 31Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 32Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 33Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 34Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 35Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 36Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
● Light Resistance :
Measured at 10 lux with standard light A
(2854K-color temperature) and 2hr.
preillumination at 400-600 lux prior testing.
● Dark Resistance :
Measured at 10th seconds after closing 10 lux.
● Gamma characteristic :
Under 10 lux and 100 lux and given by γ = log(R10/R100) / log(100/10) = log(R10/R100)
R10, R100: resistance at 10 lux and 100 lux.
The tolerance of γ is ±0.1.
● Pmax :
Max. power dissipation at ambient
temperature of 25°C.At higher ambient
temperature,the maximum power permissible
may be lowered.
● Vmax :
Max. voltage in darkness that may be
applied to the device continuously.
● Spectral peak :
Spectral sensitivity of photoresistors depends on the wavelength of light they are exposed to and
in accordance with figure ‘Spectral Response’.
The tolerance of spectral peak is ±50nm.
PGM CDS Photoresistors
Terminology
Sensitive surface
Conducting resin
Ceramic substrate
Electrodes
Resin Encapsulation
Lead wires
400 500
600 700 800
900 1000
100
80
60
40
20
0
Wavelength(nm)
CdS
CdSe
Cd(S.Se)
Physical and Environmental Characteristics
ITEM
CONDITIONS
PERFORMANCE
Solderability
Put the terminals into welding tank at temp. 230±5°C for 2±0.5s
(terminal roots are 5mm away from the tin surface).
wetting>95%
Temperature Changing
Change of temperature in accordance with: TA: -40°C
TB: +60°C Number of cycles: 5 Exposure duration: 30min
Drift of R10 = ± 20%
No visible damage
Constant humidity
and heat
1. Put the device in test box at Temperature: 60±5°
CHumidity: 90-95% Illumination: 0lux Duration: 100h
2. Take the device and measure after24h at normal
temperature and humidity.
Drift of R10= ± 30%
No visible damage
Constant load Temperature
At 25±5°C
Illumination: 150lux at rated power
Duration: 600h
No visible damage
Wire Terminals Strength
Bend the wire terminal at its root to 90 degree,and then bend it to
a opposite direction.
No visible damage
Vibration
Frequency: 50Hz
Swing: 1.5mm with
Directions: parallel to ceramic substrate normal to ceramic sub-
strate. Duration:2h
No visible dam
TOKEN
30 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com