Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU1RGP Datasheet(PDF) 38 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU1RGP Datasheet(HTML) 38 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU1RGP Datasheet HTML 34Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 35Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 36Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 37Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 38Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 39Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. KNP-R3AU1RGP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
Preview
A new range of Antisurge axial leaded power resistors,
metal glaze resistive element on ceramic substrates, from
Token Electronics.
A carbon film resistor replacement, the new RCR series
thick-film style resistors offer numerous benefits over the
previous style devices, namely reduced costs, excellent
thermal compliance, optimised a variety of surge capabilities
and better solder joint reliability against temperature cycles.
Token succeeded in commercialising the compact thick-film
type leaded resistors with high power and high antisurge
characteristics, meeting latest design engineer requirements
and making the parts suitable for industrial, measurement
and telecommunication applications as well as for automotive circuits, like Electrical Control Units (ECU) and
Air-Bag Systems.
The antisurge characteristics of Token’s latest metal glaze power film style resistors are superior to standard
metal film resistors. The power film types of RCR resistors are available: 0.25W to 10W power rating, max
working voltage up to 3000V and max overload voltage 5000V. The resistance range is 1Ω ~ 100MΩ at operating
temperature range -20°C~+155°C.
All RCR series devices are RoHS-compliant, and compatible with high temperature soldering processes normally
employed for lead free solders. Resistors are also available in various forming styles and different leads for
different applications. Contact us with your specific needs.information.
RCR Anti-Surge Resistors
Features
- High power at small sizes
- Max working voltage up to 3000V
- Lead (Pb)-free and RoHS compliant
- Operating temperature range: -20°C~+155°C
- Metal glaze power film, axial leaded type
- Max overload voltage 5000V, Tolerances: J (±5%)
Thick-Film Power Resistors Handles Large Surges
Anti-Surge Resistors
Applications
- Ballasts
- Amplifiers
- Industrial power supplies
- Telecommunications
- Household appliances
- Automotive circuits, Computer,
Instrumentation
TOKEN
36 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com