Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4320-1ACPZ-R2
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4320-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4320-1
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
19
18
17
16
15
14
1
2
3
4
5
6
7
GND
GND
VCC
VCC
VCC
RAMP
TXEN
13
GND
GND
GND
SLEEP
CLK
SDATA
DATEN
ADA4320-1
TOP VIEW
(Not to Scale
NOTES
1. EXPOSED THERMAL PAD MUST BE ELECTRICALLY AND
THERMALLY CONNECTED TO PCB GROUND (GND) PLANE.
Figure 4. Pin Configuration, Top View
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 8, 9, 12,
17, 18, 19,
EPAD
GND
Common External Ground Reference.
3, 4, 5
VCC
Common Positive External Supply Voltage.
6
RAMP
External RAMP Capacitor (Optional).
7
TXEN
Transmit Enable. Logic 0 disables forward transmission, and Logic 1 enables forward transmission.
10
VIN−
Inverting Input. DC-biased to approximately VCC/2. This pin should be ac-coupled with a 0.1 μF capacitor.
11
VIN+
Noninverting Input. DC-biased to approximately VCC/2. This pin should be ac-coupled with a 0.1 μF capacitor.
13
DATEN
Data Enable Low Input. This port controls the 8-bit parallel data latch and shift register. A Logic 0-to-1 transition
transfers the latched data to the attenuator core (updates the gain) and simultaneously inhibits serial data transfer
into the register. A 1-to-0 transition inhibits the data latch (holds the previous, and simultaneously enables the
register for serial data load).
14
SDATA
Serial Data Input. This digital input allows an 8-bit serial control word to be loaded into the internal register with the
most significant bit (MSB) first.
15
CLK
Clock Input. The clock port controls the serial attenuator data transfer rate to the 8-bit master-slave shift register. A
Logic 0-to-1 transition latches the data bit, and a Logic 1-to-0 transition transfers the data bit to the slave. This
requires the input serial data-word to be valid at or before this clock transition.
16
SLEEP
Low Power Sleep Mode. In sleep mode, the supply current is reduced to 12 μA typical. Logic 0 powers down
the device, and Logic 1 powers up the device.
20, 22
VOUT−
Negative Output Signal. This pin must be biased to VCC.
21, 23
VOUT+
Positive Output Signal. This pin must be biased to VCC.
24
COMP
Internal Compensation. This pin must be externally decoupled (0.1 μF capacitor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com