Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4320-1ACPZ-R2
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4320-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADA4320-1
Rev. 0 | Page 11 of 16
APPLICATIONS INFORMATION
GENERAL APPLICATIONS
The ADA4320-1 is primarily intended for use as the reverse
channel power amplifier (PA) in DOCSIS® 3.0 customer premises
equipment (CPE), including cable modems, E-MTAs, and
DOCSIS-enabled set-top boxes. The signals are typically QPSK or
QAM waveforms generated by the upstream modulator and DAC.
To sufficiently attenuate DAC images, a low-pass reconstruction
filter is recommended between the DAC output and the
ADA4320-1. A differential filter is preferred, and its output
impedance should match the 640 Ω input impedance of the
ADA4320-1.
Varying distances between the CPE and the cable modem
termination system (CMTS), as well as diplexers and splitters
that may exist in the signal path, require the amplifier to
provide a wide range of output power. The combination of a
high output level, excellent linearity, and 59 dB gain range of the
ADA4320-1 enables the CPE to overcome inline losses and
ensures adequate signal strength at the upstream termination.
CIRCUIT DESCRIPTION
In power-up mode, the ADA4320-1 comprises three analog
functions. The input amplifier (preamp) can be used single-ended
or balanced (differential). If the input is used in the balanced
configuration, it is imperative that the input signals be 180° out
of phase and of equal amplitude. A Vernier adjustment amplifier
controls the 1 dB gain steps.
The digital attenuator (DA) stage provides coarse adjustment in
6 dB steps. It also scales the current supplied to the output stage.
Both the preamp and DA are differential (balanced) to improve
power supply rejection and linearity.
The differential current is output from the DA to the output stage.
The output stage, with its 300 Ω balanced output impedance,
maintains proper matching to a 75 Ω load when used with a
2:1 (turns ratio) balun transformer.
PROGRAMMING
The ADA4320-1 is controlled via a unidirectional, 3-wire serial
interface (SPI-compatible) consisting of CLK, DATEN, and SDATA
signals. An 8-bit data-word containing the output stage current
level (Bits[7:6]) and desired gain code (Bits[5:0]) is clocked into
the SDATA port, MSB first.
The programmable current level (CL) range of the ADA4320-1 is
CL3 (highest) to CL0 (lowest). The programmable gain range is
+32 dB (Gain Code 60) to −27 dB (Gain Code 01), in steps of 1 dB
per least significant bit (LSB), providing a total gain range of 59 dB.
Table 7. Data-Word for Setting Current and Gain Levels
CL
Typical
Current
(mA)
CL[7:6]
(Bin)
Gain[5:0]
(Hex)
Cain
Code
(Dec)
Typical
Gain (dB)
3
260 to 77
11
3C to 01
60 to 01
+32 to −27
2
235 to 73
10
3C to 01
60 to 01
+32 to −27
1
210 to 70
01
3C to 01
60 to 01
+32 to −27
0
180 to 65
00
3C to 01
60 to 01
+32 to −27
The sequence of loading the SDATA register starts on the falling
edge of the DATEN pin, which activates the CLK line. Data on
the SDATA line is clocked into the serial shift register on the
rising edge of CLK, MSB first. The data-word is latched into
the attenuator core on the rising edge of DATEN. Serial interface
timing for the ADA4320-1 is shown in
and
.
Figure 2
Figure 3
CURRENT LEVEL AND GAIN ADJUSTMENT
Gain adjustment and current scaling allow the PA to achieve the
high output levels and linearity required for multiple-channel
DOCSIS 3.0 compliance, while offering significantly reduced
power consumption in single-channel and lifeline battery-backup
modes of operation.
There are two methods of adjusting the output stage current of
the ADA4320-1. The first is performed automatically, lowering
output current as attenuation is increased (gain is reduced).
As shown in Figure 23, for every 6 dB reduction in gain, output
stage current is decreased. At higher gain settings, this is more
pronounced. At maximum gain and maximum current level,
a step down of 6 dB reduces the supply current by 33%.
The second method, which allows the user to program one of
four preset current levels (CL3 to CL0) at any gain setting, is
shown by the individual traces in Figure 23.
300
50
100
150
200
250
30
–30
–18
–6
6
18
0
1224364860
GAIN CODE
CURRENT LEVEL 3
CURRENT LEVEL 2
CURRENT LEVEL 1
CURRENT LEVEL 0
GAIN
Figure 23. Gain and Current Scaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com