Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4320-1ACPZ-R2
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4320-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4320-1
Rev. 0 | Page 10 of 16
–24
–28
–32
–36
–40
–44
–48
–52
–56
–60
–64
–68
–72
25
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
INPUT LEVEL (dBmV)
CURRENT LEVEL 0
CURRENT LEVEL 1
CURRENT LEVEL 2
CURRENT LEVEL 3
SINGLE QPSK CHANNEL
GAIN CODE 42 (14dB)
CHANNEL WIDTH = 6.4MHz
DRIVEN CHANNEL CENTER = 42 MHz
ADJACENT CHANNEL WIDTH = 6.4 MHz
ADJACENT CHANNEL CENTER = 48.4 MHz
Figure 17. ACPR vs. Input Level for a Single QPSK Channel
–10
–80
–70
–60
–50
–40
–30
–20
59
71
70
69
68
67
66
65
64
63
62
61
60
OUTPUT LEVEL (dBmV)
CURRENT LEVEL 0
CURRENT LEVEL 1
CURRENT LEVEL 2
CURRENT LEVEL 3
SINGLE QPSK CHANNEL
GAIN CODE 60 (MAXIMUM)
CHANNEL WIDTH = 6.4MHz
DRIVEN CHANNEL CENTER = 42MHz
ADJACENT CHANNEL WIDTH = 6.4MHz
ADJACENT CHANNEL CENTER = 48.4MHz
Figure 18. ACPR vs. Output Level for a Single QPSK Channel
8
6
–8
–6
–4
–2
0
2
4
–2
18
14
16
12
10
8
6
4
2
0
TIME (µs)
4× QAM64 CHANNELS (UNCORRELATED)
OUTPUT LEVEL = 53dBmV/CHANNEL
CHANNEL WIDTH = 1.6MHz
CHANNEL CENTERS = 39.6MHz, 41.2MHz, 42.8MHz, 44.4MHz)
TXEN
PEAK OUTPUT
ENVELOPE
Figure 19. Transmit Enable/Disable Response
–22
–70
–64
–58
–52
–46
–40
–34
–28
12
31
29 30
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
INPUT LEVEL (dBmV/CHANNEL)
CURRENT LEVEL 0
CURRENT LEVEL 1
CURRENT LEVEL 2
CURRENT LEVEL 3
4× QAM64 CHANNELS (UNCORRELATED)
GAIN CODE 42 (14dB)
CHANNEL WIDTH = 1.6MHz
DRIVEN CHANNEL CENTER = 77.8MHz, 79.4MHz,
81.0MHz, 82.6MHz
ADJACENT CHANNEL WIDTH = 1.6MHz
ADJACENT CHANNEL CENTER = 84.2MHz
Figure 20. ACPR vs. Input Level for 4× QAM64 Channels
–10
–80
–70
–60
–50
–40
–30
–20
44
62
60
58
56
54
52
50
48
46
OUTPUT LEVEL (dBmV/CHANNEL)
CURRENT LEVEL 0
CURRENT LEVEL 1
CURRENT LEVEL 2
CURRENT LEVEL 3
4× QAM64 CHANNELS (UNCORRELATED)
GAIN CODE 60 (MAXIMUM)
CHANNEL WIDTH = 1.6MHz
DRIVEN CHANNEL CENTER = 77.8MHz, 79.4MHz,
81.0MHz, 82.6MHz
ADJACENT CHANNEL WIDTH = 1.6MHz
ADJACENT CHANNEL CENTER = 84.2MHz
Figure 21. ACPR vs. Output Level for 4x QAM64 Channels
120
100
80
60
40
20
0
06
48
54
42
36
30
24
18
12
6
GAIN CODE
0
TXEN = 1
TXEN = 0
DOCSIS 3.0 LIMIT (FOR 29dBmV INPUT)
Figure 22. Output Glitch Amplitude vs. Gain Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com