Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4320-1ACPZ-R2
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4320-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4320-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4320-1
Rev. 0 | Page 9 of 16
–10
–80
–70
–60
–50
–40
–30
–20
060
54
48
42
36
30
24
18
12
6
GAIN CODE
TXEN = 1, ALL CURRENT LEVELS
TXEN = 0
Figure 11. Noise Power vs. Gain Code
0
–30
–25
–20
–15
–10
–5
585
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
FREQUENCY (MHz)
SLEEP
TX DISABLE
TX ENABLE
Figure 12. Output Return Loss (S22) vs. Frequency
–61
–62
–63
–64
–65
–66
–67
–68
585
75
65
55
45
35
25
15
FREQUENCY (MHz)
CURRENT LEVEL 0
CURRENT LEVEL 1
CURRENT LEVEL 2
CURRENT LEVEL 3
SINGLE QPSK CHANNEL
OUTPUT LEVEL = 61dBmV
GAIN CODE 60 (MAXIMUM)
CHANNEL WIDTH = 6.4MHz
ADJACENT CHANNEL WIDTH = 6.4MHz
Figure 13. ACPR vs. Frequency for Single QPSK Channel
80
20
30
40
50
60
70
06
54
48
42
36
30
24
18
12
6
GAIN CODE
0
CURRENT LEVEL 3
CURRENT LEVEL 0
Figure 14. Output 1 dB Compression Point vs. Gain Code
–40
–80
–75
–70
–65
–60
–55
–50
–45
80
0
10
20
30
40
50
60
70
06
54
48
42
36
30
24
18
12
6
GAIN CODE
OUTPUT
LEVEL
ACPR
0
SINGLE QPSK CHANNEL
INPUT LEVEL = 29dBmV
CURRENT LEVEL 3
CHANNEL WIDTH = 6.4MHz
DRIVEN CHANNEL CENTER = 42MHz
ADJACENT CHANNEL WIDTH = 6.4MHz
ADJACENT CHANNEL CENTER = 48.4MHz
Figure 15. ACPR and Output Level vs. Gain Code
–52
–54
–56
–58
–60
–62
–64
–66
58
75
65
55
45
35
25
15
FREQUENCY (MHz)
5
CURRENT LEVEL 0
CURRENT LEVEL 1
CURRENT LEVEL 2
CURRENT LEVEL 3
4× QAM64 CHANNELS (UNCORRELATED)
OUTPUT LEVEL = 53dBmV/CHANNEL
GAIN CODE 60 (MAXIMUM)
CHANNEL WIDTH = 1.6MHz
ADJACENT CHANNEL WIDTH = 1.6MHz
Figure 16. ACPR vs. Frequency for 4× QAM64 Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com