Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4158 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 12Page - Analog Devices ADF4158 Datasheet HTML 13Page - Analog Devices ADF4158 Datasheet HTML 14Page - Analog Devices ADF4158 Datasheet HTML 15Page - Analog Devices ADF4158 Datasheet HTML 16Page - Analog Devices ADF4158 Datasheet HTML 17Page - Analog Devices ADF4158 Datasheet HTML 18Page - Analog Devices ADF4158 Datasheet HTML 19Page - Analog Devices ADF4158 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADF4158
Rev. 0 | Page 16 of 36
R-DIVIDER REGISTER (R2) MAP
With Register R2 DB[2:0] set to [0, 1, 0], the on-chip R-divider
register is programmed as shown in Figure 24.
Reserved Bits
All reserved bits should be set to 0 for normal operation.
CSR Enable
Setting this bit to 1 enables cycle slip reduction. This is a
method for improving lock times. Note that the signal at the PFD
must have a 50% duty cycle in order for cycle slip reduction to
work. In addition, the charge pump current setting must be set
to a minimum. See the Cycle Slip Reduction for Faster Lock
Times section for more information.
Also note that the cycle slip reduction feature can only be
operated when the phase detector polarity setting is positive
(DB6 in Register R3). It cannot be used if the phase detector
polarity is set to negative.
Charge Pump Current Setting
DB[27:24] set the charge pump current setting (see Figure 24).
Set these bits to the charge pump current that the loop filter is
designed with.
Prescaler (P/P + 1)
The dual-modulus prescaler (P/P + 1), along with the INT,
FRAC, and MOD counters, determines the overall division
ratio from the RFIN to the PFD input.
Operating at CML levels, it takes the clock from the RF input
stage and divides it down for the counters. It is based on
a synchronous 4/5 core. When set to 4/5, the maximum RF
frequency allowed is 3 GHz. Therefore, when operating
the ADF4158 above 3 GHz, the prescaler must be set to 8/9.
The prescaler limits the INT value.
With P = 4/5, NMIN = 23.
With P = 8/9, NMIN = 75.
RDIV2
Setting DB21 to 1 inserts a divide-by-2 toggle flip-flop between
the R-counter and the PFD. This can be used to provide a 50%
duty cycle signal at the PFD for use with cycle slip reduction.
Reference Doubler
Setting DB20 to 0 feeds the REFIN signal directly to the 5-bit RF
R-counter, disabling the doubler. Setting this bit to 1 multiplies
the REFIN frequency by a factor of 2 before feeding the signal
into the 5-bit R-counter. When the doubler is disabled, the
REFIN falling edge is the active edge at the PFD input to the
fractional synthesizer. When the doubler is enabled, both the
rising edge and falling edge of REFIN become active edges at the
PFD input.
The maximum allowed REFIN frequency when the doubler is
enabled is 30 MHz.
5-Bit R-Counter
The 5-bit R-counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock
to the phase frequency detector (PFD). Division ratios from
1 to 32 are allowed.
12-Bit MOD Divider
Bits DB[14:3] are used to program the MOD divider, which
determines the duration of the time step in ramp mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com