Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4158 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 2 Page - Analog Devices

  ADF4158 Datasheet HTML 1Page - Analog Devices ADF4158 Datasheet HTML 2Page - Analog Devices ADF4158 Datasheet HTML 3Page - Analog Devices ADF4158 Datasheet HTML 4Page - Analog Devices ADF4158 Datasheet HTML 5Page - Analog Devices ADF4158 Datasheet HTML 6Page - Analog Devices ADF4158 Datasheet HTML 7Page - Analog Devices ADF4158 Datasheet HTML 8Page - Analog Devices ADF4158 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADF4158
Rev. 0 | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Specifications .................................................................. 4
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Pin Function Descriptions...................... 7
Typical Performance Characteristics ............................................. 8
Circuit Description......................................................................... 10
Reference Input Section............................................................. 10
RF Input Stage............................................................................. 10
RF INT Divider........................................................................... 10
25-Bit Fixed Modulus ................................................................ 10
INT, FRAC, and R Relationship ............................................... 10
R-Counter.................................................................................... 10
Phase Frequency Detector (PFD) and Charge Pump............ 11
MUXOUT and LOCK Detect................................................... 11
Input Shift Registers ................................................................... 11
Program Modes .......................................................................... 11
Register Maps .................................................................................. 12
FRAC/INT Register (R0) Map.................................................. 14
LSB FRAC Register (R1) Map................................................... 15
R-Divider Register (R2) Map .................................................... 16
Function Register (R3) Map...................................................... 18
Test Register (R4) Map .............................................................. 20
Deviation Register (R5) Map .................................................... 21
Step Register (R6) Map .............................................................. 22
Delay Register (R7) Map ........................................................... 23
Applications Information .............................................................. 24
Initialization Sequence............................................................... 24
RF Synthesizer: A Worked Example ........................................ 24
Reference Doubler and Reference Divider ............................. 24
Cycle Slip Reduction for Faster Lock Times........................... 24
Modulation.................................................................................. 25
Waveform Generation ............................................................... 25
Additional Features .................................................................... 27
Fast-Lock Timer and Register Sequences ............................... 30
Fast Lock: An Example .............................................................. 30
Fast Lock: Loop Filter Topology............................................... 30
Spur Mechanisms ....................................................................... 31
Low Frequency Applications .................................................... 31
Filter Design—ADIsimPLL....................................................... 31
PCB Design Guidelines for the Chip Scale Package .............. 31
Application of ADF4158 in FMCW Radar ................................. 32
Outline Dimensions ....................................................................... 33
Ordering Guide........................................................................... 33
REVISION HISTORY
4/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com