Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4158 Datasheet(PDF) 30 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 26Page - Analog Devices ADF4158 Datasheet HTML 27Page - Analog Devices ADF4158 Datasheet HTML 28Page - Analog Devices ADF4158 Datasheet HTML 29Page - Analog Devices ADF4158 Datasheet HTML 30Page - Analog Devices ADF4158 Datasheet HTML 31Page - Analog Devices ADF4158 Datasheet HTML 32Page - Analog Devices ADF4158 Datasheet HTML 33Page - Analog Devices ADF4158 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADF4158
Rev. 0 | Page 30 of 36
CLK
MUXOUT
LE
TXDATA
DATA
R0 WRITE
R4 WRITE
R4 WRITE
FREQUENCY
READBACK
FREQUENCY
READBACK
FREQUENCY
READBACK
37 CLK
PULSES
37 CLK
PULSES
37 CLK
PULSES
32 CLK
PULSES
32 CLK
PULSES
32 CLK
PULSES
Figure 42. Continuous Frequency Readback
For continuous frequency readback the following sequence
should be used:
•
Register 0 write
•
LE high
•
Pulse on TXDATA
•
Frequency readback (as described at the beginning of the
Interrupt Modes and Frequency Readback section and
Figure 41)
•
Pulse on TXDATA
•
Register R4 write
•
Frequency readback (as described at the beginning of the
Interrupt Modes and Frequency Readback section and
Figure 41)
•
Pulse on TXDATA
•
…
The sequence is also shown in Figure 42.
FAST-LOCK TIMER AND REGISTER SEQUENCES
If the fast-lock mode is used, a timer value needs to be
loaded into the PLL to determine the time spent in wide
bandwidth mode.
When the DB[20:19] bits in Register 4 (R4) are set to 01 (fast-
lock divider), the timer value is loaded via the 12-bit clock
divider value. To use fast lock, the PLL must be written to in
the following sequence:
1.
Initialization sequence (see the Initialization Sequence
section). This should only be performed once after
powering up the part.
2.
Load Register R4 DB[16:15] = 01 and the chosen fast-lock
timer value (DB[18:7]).
3.
Load Register R2 with the chosen MOD divider value
(DB[14:3]) if longer time in wide loop bandwidth is
required.
Note that the duration that the PLL remains in wide bandwidth
is equal to the MOD × fast-lock timer/fPFD, where MOD is the
12-bit MOD divider in Register R2.
In addition, note that the fast-lock feature doesn’t work in
ramp mode.
FAST LOCK: AN EXAMPLE
If a PLL has a reference frequency of 13 MHz, that is, fPFD =
13 MHz, as well as MOD = 10 (12-bit MOD divider in Register
R2) and a required lock time of 50 μs, the PLL is set to wide
bandwidth for 40 μs.
If the time period set for the wide bandwidth is 40 μs, then
Fast-Lock Timer Value = Time in Wide Bandwidth × fPFD/MOD
Fast-Lock Timer Value = 40 μs × 13 MHz /10 = 52.
Therefore, 52 must be loaded into the clock divider value in
Register R4 in Step 1 of the sequence described in the Fast-Lock
Timer and Register Sequences section.
FAST LOCK: LOOP FILTER TOPOLOGY
To use fast-lock mode, an extra connection from the PLL to the
loop filter is needed. The damping resistor in the loop filter
must be reduced to ¼ of its value while in wide bandwidth
mode. This is required because the charge pump current is
increased by 16 while in wide bandwidth mode, and stability
must be ensured. To further enhance stability and mitigate
frequency overshoot while frequency change (in wide band-
width mode), Register R3 is connected. During fast lock, the
SW1 pin is shorted to ground and SW2 is connected to CP (it
is done by setting Bits DB[20:19] in Register R4 to 01—fast lock
divider). The following two topologies can be used:
•
Divide the damping resistor (R1) into two values (R1 and
R1A) that have a ratio of 1:3 (see Figure 43).
•
Connect an extra resistor (R1A) directly from SW1, as shown
in Figure 44. The extra resistor must be chosen such that
the parallel combination of an extra resistor and the damping
resistor (R1) is reduced to ¼ of the original value of R1.
For both of the topologies, the ratio R3:R2 should equal 1:4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com