Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4158 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 3 Page - Analog Devices

  ADF4158 Datasheet HTML 1Page - Analog Devices ADF4158 Datasheet HTML 2Page - Analog Devices ADF4158 Datasheet HTML 3Page - Analog Devices ADF4158 Datasheet HTML 4Page - Analog Devices ADF4158 Datasheet HTML 5Page - Analog Devices ADF4158 Datasheet HTML 6Page - Analog Devices ADF4158 Datasheet HTML 7Page - Analog Devices ADF4158 Datasheet HTML 8Page - Analog Devices ADF4158 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADF4158
Rev. 0 | Page 3 of 36
SPECIFICATIONS
AVDD = DVDD = 2.7 V to 3.3 V, VP = AVDD to 5.5 V, AGND = DGND = 0 V, TA = TMIN to TMAX, dBm referred to 50 Ω, unless
otherwise noted.
Table 1.
C Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency (RFIN)
0.5
6.1
GHz
−10 dBm min to 0 dBm max; for lower frequencies, ensure
slew rate (SR) > 400 V/μs
−15 dBm min to 0 dBm max for 2 GHz to 4 GHz RF input
frequency
REFERENCE CHARACTERISTICS
REFIN Input Frequency
10
260
MHz
For f < 10 MHz, use a dc-coupled CMOS-compatible
square wave, slew rate > 25 V/μs
16
MHz
If an internal reference doubler is enabled
REFIN Input Sensitivity
0.4
AVDD
V p-p
Biased at AVDD/22
REFIN Input Capacitance
10
pF
REFIN Input Current
±100
μA
PHASE DETECTOR
Phase Detector Frequency3
32
MHz
CHARGE PUMP
ICP Sink/Source
Programmable
High Value
5
mA
With RSET = 5.1 kΩ
Low Value
312.5
μA
Absolute Accuracy
2.5
%
With RSET = 5.1 kΩ
RSET Range
2.7
10
kΩ
ICP Three-State Leakage Current
1
nA
Sink and source current
Matching
2
%
0.5 V < VCP < VP – 0.5 V
ICP vs. VCP
2
%
0.5 V < VCP < VP – 0.5 V
ICP vs. Temperature
2
%
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
1.4
V
VINL, Input Low Voltage
0.6
V
IINH/IINL, Input Current
±1
μA
CIN, Input Capacitance
10
pF
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
V
Open-drain output chosen; 1 kΩ pull-up to 1.8 V
VOH, Output High Voltage
VDD − 0.4
V
CMOS output chosen
IOH, Output High Current
100
μA
VOL, Output Low Voltage
0.4
V
IOL = 500 μA
POWER SUPPLIES
AVDD
2.7
3.3
V
DVDD
AVDD
VP
AVDD
5.5
V
IDD
23
32
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com