Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADL5902
Rev. 0 | Page 15 of 28
THEORY OF OPERATION
The ADL5902 is a 50 MHz to 9 GHz true rms responding
detector with a 65 dB measurement range at 2.14 GHz and a
greater than 56 dB measurement range at frequencies up to
6 GHz. It incorporates a modified AD8362 architecture that
increases the frequency range and improves measurement
accuracy at high frequencies. Transfer function peak-to-peak
ripple has been reduced to <±0.1 dB over the entire dynamic
range. Temperature stability of the rms output measurements
provides <±0.3 dB error, typically, over the specified temperature
range of −40°C to 125°C through proprietary techniques. The
device accurately measures waveforms that have a high peak-to-
rms ratio (crest factor).
The ADL5902 consists of a high performance AGC loop. As
shown in Figure 36, the AGC loop comprises a wide bandwidth
variable gain amplifier (VGA), square law detectors, an amplitude
target circuit, and an output driver. For a more detailed description
of the functional blocks, see the AD8362 data sheet.
The nomenclature used in this data sheet to distinguish
between a pin name and the signal on that pin is as follows:
•
The pin name is all uppercase, for example, VPOS,
COMM, and VOUT.
•
The signal name or a value associated with that pin is the
pin mnemonic with a partial subscript, for example, CLPF
and VOUT.
SQUARE LAW DETECTOR AND AMPLITUDE TARGET
The VGA gain has the form
GSET = GO e
)
/
(
GNS
SET
V
V
−
(1)
where:
GO is the basic fixed gain.
VGNS is a scaling voltage that defines the gain slope (the decibel
change per voltage). The gain decreases with increasing VSET.
The VGA output is
VSIG = GSET × RFIN = GO × RFIN e
)
/
(
GNS
SET
V
V
−
(2)
where RFIN is the ac voltage applied to the input terminals of the
ADL5902.
The output of the VGA, VSIG, is applied to a wideband square
law detector. The detector provides the true rms response of the
RF input signal, independent of waveform. The detector output,
ISQR, is a fluctuating current with positive mean value. The
difference between ISQR and an internally generated current,
ITGT, is integrated by the parallel combination of CF and the
external capacitor attached to the CLPF pin at the summing
node. CF is an on-chip 26 pF filter capacitor, and CLPF, the
external capacitance connected to the CLPF pin, can be used to
arbitrarily increase the averaging time while trading off with the
response time. When the AGC loop is at equilibrium
Mean(ISQR) = ITGT
(3)
This equilibrium occurs only when
Mean(VSIG2) = VTGT2
(4)
where VTGT is the voltage presented at the VTGT pin. This pin
can conveniently be connected to the VREF pin through a voltage
divider to establish a target rms voltage, VATG, of ~40 mV rms when
VTGT = 0.8 V.
Because the square law detectors are electrically identical and
well matched, process and temperature dependent variations
are effectively cancelled.
TADJ/PWDN
BAND GAP
REFERENCE
COMM
VOUT
TEMP (1.4V)
VREF (2.3V)
ISQR
ITGT
X2
X2
GSET
CLPF
(EXTERNAL)
CF
(INTERNAL)
VSIG
VGA
SUMMING
NODE
VSET
CH
(INTERNAL)
VPOS
INHI
INLO
TEMPERATURE COMPENSATION
AND BIAS
TEMPERATURE
SENSOR
VTGT
CLPF
VATG =
VTGT
20
Figure 36. Simplified Architecture Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com