Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADL5902
Rev. 0 | Page 17 of 28
there is no temperature variation contribution to the absolute value
of VOUT.
For CW signals,
FreqLP ≈ 67.7 × 10−6/(CLPF)
(14)
However, signals with large crest factors include low pseudo-
random frequency content that must be either filtered out or
sampled and averaged out (see the Choosing a Value for CLPF
section for more information).
TEMPERATURE SENSOR INTERFACE
The ADL5902 provides a temperature sensor output with a
scaling factor of the output voltage of approximately 4.9 mV/°C.
The output is capable of sourcing 4 mA and sinking 50 μA
maximum at 25°C. An external resistor can be connected from
TEMP to COMM to provide additional current sink capability.
The typical output voltage at 25°C is approximately 1.4 V.
TEMP
VPOS
COMM
INTERNAL
VPAT
12k
Ω
4k
Ω
Figure 38. TEMP Interface Simplified Schematic
VREF INTERFACE
The VREF pin provides an internally generated voltage reference
for the user. The VREF voltage is a temperature stable 2.3 V
reference that is capable of sourcing 4 mA and sinking 50 μA
maximum. An external resistor can be connected from VREF to
COMM to provide additional current sink capability. The
voltage on this pin can be used to drive the TADJ/PWDN and
VTGT pins.
INTERNAL
VOLTAGE
16k
Ω
VREF
VPOS
COMM
Figure 39. VREF Interface Simplified Schematic
TEMPERATURE COMPENSATION INTERFACE
While the ADL5902 has a highly stable measurement output
with respect to temperature using proprietary techniques, for
optimal performance, the output temperature drift must be
compensated for using the TADJ pin. The absolute value of
compensation varies with frequency and VTGT. Table 4 shows the
recommended voltages for VTADJ to maintain a temperature drift
error of typically ±0.5 dB or better over the intended temperature
range (−40°C < TA < +85°C) when driven single-ended and
VTGT = 0.8 V.
Table 4. Recommended VTADJ for Selected Frequencies
Frequency
VTADJ (V)
R9 in Figure 54
(Ω)
R12 in Figure 54
(Ω)
100 MHz
0.5
1430
402
700 MHz
0.4
1430
301
900 MHz
0.4
1430
301
1.9 GHz
0.4
1430
301
2.14 GHz
0.4
1430
301
2.6 GHz
0.45
1430
348
3.5 GHz
0.5
1430
402
5.8 GHz
0.95
1430
1007
The values in Table 4 were chosen to give the best drift
performance at the high end of the usable dynamic range
over the −40°C to +85°C temperature range. There is often a
trade off in setting values, and optimizing for one area of the
dynamic range may mean less than optimal drift performance
at other input amplitudes.
Compensating the device for temperature drift using TADJ
allows for great flexibility. If the user requires minimum
temperature drift at a given input power, a subset of the
dynamic range, or even over a different temperature range than
shown in this data sheet, the VTADJ can be swept while
monitoring VOUT over the temperature at the frequency and
amplitude of interest. The optimal VTADJ to achieve minimum
temperature drift at a given power and frequency is the value of
VTADJ where the output has minimum movement.
2.73
2.75
2.77
2.79
2.81
2.83
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
+125°C
+105°C
+85°C
+55°C
+25°C
–20°C
–40°C
0°C
VTADJ (V)
Figure 40. Effect of VTADJ at Various Temperatures, 2.14 GHz, −10 dBm
Varying VTADJ has only a very slight effect on VOUT at device
temperatures near 25°C; however, the compensation circuit
has more and more effect as the temperature departs farther
from 25°C.
The TADJ pin has a high input impedance and can be conven-
iently driven from an external source or from an attenuated
value of VREF using a resistor divider. Table 4 gives suggested
voltage divider values to generate the required voltage from
VREF. The resistors are shown in the evaluation board schematic
(see Figure 54). VREF does change slightly with temperature and
also input RF amplitude; however, the amount of change is
unlikely to result in a significant effect on the final temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com