Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADL5902
Rev. 0 | Page 20 of 28
SETTING VTADJ
As discussed in the Theory of Operation section, the output
temperature drift must be compensated by applying a voltage to
the TADJ pin. The compensating voltage varies with frequency.
The voltage for the TADJ pin can be easily derived from a resistor
divider connected to the VREF pin. Table 5 shows the recom-
mended VTADJ for operation from −40°C to +85°C, along with
resistor divider values. Resistor values are chosen so that they
neither pull too much current from VREF (VREF short-circuit
current is 4 mA) nor are so large that the TADJ pin’s bias current of
3 µA affects the resulting voltage at the TADJ pin.
Table 5. Recommended VTADJ for Selected Frequencies
Frequency
VTADJ (V)
R9 (Ω)
R12 (Ω)
100 MHz
0.5
1430
402
700 MHz to 2.14 GHz
0.4
1430
301
2.6 GHz
0.45
1430
348
3.5 GHz
0.5
1430
402
5.8 GHz
0.95
1430
1007
SETTING VTGT
As discussed in the Theory of Operation section, setting the
voltage on VTGT to 0.8 V represents a compromise between
achieving excellent rms compliance and maximizing dynamic
range. The voltage on VTGT can be derived from the VREF pin
using a resistor divider as shown Figure 45. Like the resistors
chosen to set the VTADJ voltage, the resistors setting VTGT should
have reasonable values that do not pull too much current from
VREF or cause bias current errors. Also, attention should be
paid to the combined current that VREF must deliver to
generate the VTADJ and VTGT voltages. This current should be
kept well below the VREF short-circuit current of 4 mA.
CHOOSING A VALUE FOR CLPF
CLPF provides the averaging function for the internal rms
computation. Using the minimum value for CLPF allows the
quickest response time to a pulsed waveform but leaves
significant output noise on the output voltage signal. By the
same token, a large filter cap reduces output noise but at the
expense of response time.
For non response-time critical applications, a relatively large
capacitor can be placed on the CLPF pin. In Figure 45, a value
of 10 µF is used. For most signal modulation schemes, this value
ensures excellent rms measurement compliance and low
residual output noise. There is no maximum capacitance limit
for CLPF.
Figure 46 shows how output noise varies with CLPF when the
ADL5902 is driven by a single-carrier W-CDMA signal (Test
Model TM1-64, peak envelope power = 10.56 dB, bandwidth =
3.84 MHz). With a 10 µF capacitor on CLPF, there is residual
noise on VOUT of 4.4 mV p-p, which is less than 0.1 dB error
(assuming a slope of approximately 53 mV/dB).
1
10
100
1k
10k
100k
1M
0
50
100
150
200
250
300
1
10
100
1000
CLPF (nF)
OUTPUT NOISE (mV p-p)
10% TO 90% RISE TIME (µs)
90% TO 10% FALL TIME (µs)
Figure 46. Output Noise, Rise and Fall Times vs. CLPF Capacitance, Single-
Carrier W-CDMA (TM1-64) at 2.14 GHz with PIN = 0 dBm
Figure 46 also shows how the response time is affected by the
value of CLPF. To measure this, a RF burst at 2.14 GHz at
−10 dBm was applied to the ADL5902. The 10% to 90% rise
time and 90% to 10% fall time were then measured. It is notable
that the fall time is much longer than the rise time. This can
also be seen in the response time plots, Figure 22, Figure 23,
Figure 25, and Figure 26.
In applications where the response time is critical, a different
approach to signal filtering can be taken. This is shown in
Figure 47. The capacitor on the CLPF pin is set to the minimum
value that ensures that a valid rms computation has been
performed. The job of noise removal is then handed off to an
RC filter on the VOUT pin. This approach ensures that there is
enough averaging to ensure good rms compliance and does not
burden the rms computation loop with extra filtering that will
significantly slow down the response time. By finishing the
filtering process using an RC filter after VOUT, faster fall times
can be achieved with an equivalent amount of output noise. It
should be noted that the RC filter can also be implemented in
the digital domain after the analog-to-digital converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com