Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADL5902
Rev. 0 | Page 19 of 28
calculated by the linear-regression fit over the linear range of
the detector, typically at 25°C. The error in decibels is calculated
by
Error (dB) = (VOUT − Slope × (PIN − PZ))/Slope
(15)
where PZ is the x-axis intercept expressed in decibels relative to
1 milliwatt (the input amplitude that would produce a 0 V output
if such an output were possible).
The error from the ideal line is not a measure of absolute accuracy
because it is calculated using the slope and intercept of each
device. However, it verifies the linearity and the effect of
temperature and modulation on the response of the device. An
example of this type of plot is Figure 3. The slope and intercept
that form the ideal line are those at 25°C with CW modulation.
Figure 21 and Figure 24 show the error with various popular
forms of modulation with respect to the ideal CW line. This
method for calculating error is accurate, assuming that each
device is calibrated at room temperature.
In the second plot format, the VOUT voltage at a given input
amplitude and temperature is subtracted from the corresponding
VOUT at 25°C and then divided by the 25°C slope to obtain an
error in decibels. This type of plot does not provide any
information on the linear-in-dB performance of the device; it
merely shows the decibel equivalent of the deviation of VOUT
over temperature, given a calibration at 25°C. When calculating
error from any one particular calibration point, this error
format is accurate. It is accurate over the full range shown on
the plot assuming that enough calibration points are used.
Figure 6 shows this plot type.
The error calculations for Figure 30 are similar to those for the
VOUT plots. The slope and intercept of the VTEMP function vs.
temperature are determined and applied as follows:
Error (°C) = (VTEMP − Slope × (Temp − TZ))/Slope
(16)
where:
TZ is the x-axis intercept expressed in degrees Celsius (the
temperature that would result in a VTEMP of 0 V if this were
possible).
Temp is the ambient temperature of the ADL5902 in degrees
Celsius.
Slope is, typically, 4.9 mV/°C.
VTEMP is the voltage at the TEMP pin at that temperature.
MEASUREMENT MODE BASIC CONNECTIONS
The ADL5902 requires a single supply of nominally 5 V. The
supply is connected to the two VPOS supply pins. These pins
should each be decoupled using the two capacitors with values
equal or similar to those shown in Figure 45. These capacitors
should be placed as close as possible to the VPOS pins.
An external 60.4 Ω resistor combines with the relatively high RF
input impedance of the ADL5902 to provide a broadband 50 Ω
match. An ac coupling capacitor should be placed between this
resistor and INHI. The INLO input should be ac-coupled to
ground using the same value capacitor. Because the ADL5902
has a minimum input operating frequency of 50 MHz, 100 pF
ac coupling capacitors can be used.
The ADL5902 is placed in measurement mode by connecting
VOUT to VSET. In measurement mode, the output voltage is
proportional to the log of the rms input signal level.
X2
X2
BIAS AND POWER-
DOWN CONTROL
1
NC
NC
NC
LINEAR-IN-dB VGA
(NEGATIVE SLOPE)
IDET
26pF
2
3
4
11
10
9
5
6
7
8
16
15
14
13
ADL5902
12
VREF
2.3V
TEMPERATURE
SENSOR
INLO
INHI
VPOS
POS
TEMP
VSET
VOUT
VOUT
CLPF
COMM
COMM
VTGT
VREF
TADJ/PWDN
G = 5
ITGT
5V
R3
60.4
Ω
C10
100pF
C12
100pF
5V
C4
100pF
C3
0.1µF
C5
100pF
C7
0.1µF
R11
2k
Ω
R10
3.74k
Ω
R12
(SEE TABLE 4)
R9
(SEE
TABLE 4)
C9
10µF
(SEE THE
CHOOSING A
VALUE FOR
CLPF SECTION.)
RFIN
Figure 45. Basic Connections for Operation in Measurement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com