Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP421 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP421
Description  Omnidirectional Microphone with Bottom Port and Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP421 Datasheet(HTML) 1 Page - Analog Devices

  ADMP421 Datasheet HTML 1Page - Analog Devices ADMP421 Datasheet HTML 2Page - Analog Devices ADMP421 Datasheet HTML 3Page - Analog Devices ADMP421 Datasheet HTML 4Page - Analog Devices ADMP421 Datasheet HTML 5Page - Analog Devices ADMP421 Datasheet HTML 6Page - Analog Devices ADMP421 Datasheet HTML 7Page - Analog Devices ADMP421 Datasheet HTML 8Page - Analog Devices ADMP421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Omnidirectional Microphone with
Bottom Port and Digital Output
ADMP421
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Small and thin 3 mm × 4 mm × 1 mm surface-mount package
High SNR of 61 dBA
High sensitivity of −26 dBFS
Flat frequency response from 100 Hz to 15 kHz
Low current consumption: <650 μA
High PSRR of 80 dBFS
Fourth-order Σ-Δ modulator
Digital PDM output
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Smartphones and feature phones
Digital video cameras
Bluetooth headsets
Video phones
Teleconferencing systems
GENERAL DESCRIPTION
The ADMP421 is a low cost, low power, digital output bottom-
ported omnidirectional MEMS microphone. The ADMP421
consists of a MEMS microphone element, an impedance converter
amplifier, and a fourth-order Σ-Δ modulator. The digital inter-
face allows for the pulse density modulated (PDM) output of
two microphones to be time multiplexed on a single data line
using a single clock.
The ADMP421 has a high SNR and high sensitivity, making it
an excellent choice for far field applications. The ADMP421 has
a flat wideband frequency response resulting in natural sound
with high intelligibility. Low current consumption and a sleep
mode enable long battery life for portable applications. A built-
in particle filter provides high reliability. The ADMP421 complies
with the TIA-920 Telecommunications Telephone Terminal
Equipment Transmission Requirements for Wideband Digital
Wireline Telephones standard.
The ADMP421 is available in a thin 3 mm × 4 mm × 1 mm
surface-mount package. It is reflow solder compatible with no
sensitivity degradation. The ADMP421 is halide free.
FUNCTIONAL BLOCK DIAGRAM
ASIC
DATA
L/R SELECT
CLK
VDD
GND
MEMS
MEMBRANE
BACKPLATE
IMPEDANCE
CONVERTER
ADC
ADMP421
Figure 1.


Similar Part No. - ADMP421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
ADMP421BCEZ-RL7 AD-ADMP421BCEZ-RL7 Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
More results

Similar Description - ADMP421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
Omnidirectional Microphone with Bottom Port and PDM Digital Output
logo
List of Unclassifed Man...
INMP441 ETC1-INMP441 Datasheet
472Kb / 21P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com