Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP421 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMP421
Description  Omnidirectional Microphone with Bottom Port and Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP421 Datasheet(HTML) 3 Page - Analog Devices

  ADMP421 Datasheet HTML 1Page - Analog Devices ADMP421 Datasheet HTML 2Page - Analog Devices ADMP421 Datasheet HTML 3Page - Analog Devices ADMP421 Datasheet HTML 4Page - Analog Devices ADMP421 Datasheet HTML 5Page - Analog Devices ADMP421 Datasheet HTML 6Page - Analog Devices ADMP421 Datasheet HTML 7Page - Analog Devices ADMP421 Datasheet HTML 8Page - Analog Devices ADMP421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADMP421
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VDD = 1.8 V, CLK = 2.4 MHz, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical
specifications are not guaranteed.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Sensitivity1
1 kHz, 94 dB SPL
−29
−26
−23
dBFS
Signal-to-Noise Ratio
SNR
20 kHz bandwidth, A-weighted
61
dBA
Equivalent Input Noise
EIN
20 kHz bandwidth, A-weighted
33
dBA SPL
Frequency Response2
Low frequency −3 dB point
100
Hz
High frequency −3 dB point
15
kHz
Deviation from flat response within pass band
−3
+2
dB
Total Harmonic Distortion
THD
105 dB SPL
3
%
Power Supply Rejection Ratio
PSRR
217 Hz, 100 mV p-p square wave superimposed
on VDD = 1.8 V
80
dBFS
Maximum Acoustic Input
Peak
120
dB SPL
INPUT CHARACTERISTICS
Clock
CLK
2.43
MHz
Supply Voltage
VDD
1.65
3.6
V
Supply Current
IS
Normal mode
650
μA
Sleep mode
50
μA
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
VDD
V
Output Voltage Low
VOL
0
V
Latency
<30
μs
Wake-Up Time
From sleep mode, power on
10
ms
Polarity
Noninverting4
1 Relative to the rms level of a sine wave with positive amplitude equal to 100% 1s density and negative amplitude equal to 0% 1s density.
2 See Figure 5 and Figure 6.
3 The microphone operates at any clock frequency between 1.0 MHz and 3.3 MHz. Some specifications may not be guaranteed at frequencies other than 2.4 MHz.
4 Positive going (increasing) pressure on the membrane results in an increase in the number of 1s at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com