Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP421 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMP421
Description  Omnidirectional Microphone with Bottom Port and Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP421 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMP421 Datasheet HTML 6Page - Analog Devices ADMP421 Datasheet HTML 7Page - Analog Devices ADMP421 Datasheet HTML 8Page - Analog Devices ADMP421 Datasheet HTML 9Page - Analog Devices ADMP421 Datasheet HTML 10Page - Analog Devices ADMP421 Datasheet HTML 11Page - Analog Devices ADMP421 Datasheet HTML 12Page - Analog Devices ADMP421 Datasheet HTML 13Page - Analog Devices ADMP421 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADMP421
Rev. 0 | Page 10 of 16
INTERFACING WITH ANALOG DEVICES CODECS
Analog Devices ADAU1361 and ADAU1761 codecs feature
digital microphone inputs that support the ADMP421 PDM
output data format. See the connection diagrams shown in
Figure 1
2 and Figure 13, and refer to the ADMP421 AN-1003
Application Note and the codecs’ respective data sheets for
more details on the digital microphone interface.
JDFUNC[1:0]
DIGITAL MICROPHONE
INTERFACE
LEFT
CHANNEL
RIGHT
CHANNEL
TO JACK
DETECTION
CIRCUIT
JACKDET/MICIN
RIGHT
ADC
LEFT
ADC
DECIMATORS
R19: ADC CONTROL
INSEL
R2: DIGITAL MICROPHONE/
JACK DETECTION
CONTROL
Figure 12. Digital Microphone Signal Routing Block Diagram
ADMP421
DIGITAL MICROPHONE
CLK
BCLK
LINP
CM
VDD
L/R SELECT
GND
DATA
0.1µF
ADMP421
DIGITAL MICROPHONE
CLK
BCLK
VDD
L/R SELECT
GND
DATA
0.1µF
MICBIAS
LINN
RINN
RINP
JACKDET/MICIN
ADAU1361
OR
ADAU1761
Figure 13. ADAU1361 and ADAU1761 Stereo Interface Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com