Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP421 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMP421
Description  Omnidirectional Microphone with Bottom Port and Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP421 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMP421 Datasheet HTML 5Page - Analog Devices ADMP421 Datasheet HTML 6Page - Analog Devices ADMP421 Datasheet HTML 7Page - Analog Devices ADMP421 Datasheet HTML 8Page - Analog Devices ADMP421 Datasheet HTML 9Page - Analog Devices ADMP421 Datasheet HTML 10Page - Analog Devices ADMP421 Datasheet HTML 11Page - Analog Devices ADMP421 Datasheet HTML 12Page - Analog Devices ADMP421 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADMP421
Rev. 0 | Page 9 of 16
EVALUATION BOARD
Figure 10 and Figure 11 show the ADMP421 evaluation board
schematic and layout, respectively. The ADMP421 evaluation
board is designed to plug directly into Connector J6 on the
Analog Devices, Inc., EVAL-ADAU1761Z.
U1
ADMP421
1
2
3
4
5
5
3
4
1
2
6
7
8
9
10
11
12
CLK
C1
0.1µF
GND
P1
LRSEL
DATA
VDD
CLK
VDD
DATA
L/R SELECT
GND
Figure 10. ADMP421 Evaluation Board Schematic
ANALOG
DEVICES
ADMP421
C1
U1
Figure 11. ADMP421 Evaluation Board Layout
Table 6. Evaluation Board Connector Pin Functions
Pin No.
Description
Pin No.
Description
1
GND
2
Not connected
3
CLK
4
Not connected
5
Not connected
6
Not connected
7
L/R SELECT
8
Not connected
9
DATA
10
Not connected
11
VDD
12
Not connected
1
2
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com