Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT459TC Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # FMMT459TC
Description  450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT459TC Datasheet(HTML) 3 Page - Zetex Semiconductors

  FMMT459TC Datasheet HTML 1Page - Zetex Semiconductors FMMT459TC Datasheet HTML 2Page - Zetex Semiconductors FMMT459TC Datasheet HTML 3Page - Zetex Semiconductors FMMT459TC Datasheet HTML 4Page - Zetex Semiconductors FMMT459TC Datasheet HTML 5Page - Zetex Semiconductors FMMT459TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FMMT459
ISSUE 2 - DECEMBER 2001
3
ELECTRICAL CHARACTERISTICS (at T
amb = 25°C unless otherwise stated)
*Measured under plused conditions. Pulse width = 300
µs. Dury cycle <2%
NB. For high voltage applications, the appropriate industry sector guidelines should be
considered with regards to voltage spacing between Terminals.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Collector-Base
Breakdown Voltage
V(BR)CBO
500
700
V
IC = 100µA
Collector-Emitter
Breakdown Voltage
VCEO(sus)
450
500
V
IC = 10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
58
V
IE = 100µA
Collector Cut-Off
Current
ICBO
100
nA
VCB = 450V
Emitter Cut-Off Current
IEBO
100
nA
VEB =5V
Collector Emitter
Cut-Off Current
ICES
100
nA
VCE = 450V
Collector Emitter
Saturation Voltage
VCE(sat)
60
70
75
90
mV
mV
IC = 20mA, IB = 2mA*
IC = 50mA, IB = 6mA*
Base-Emitter Saturation
Voltage
VBE(sat)
.76
.9
V
IC = 50mA, IB = 5mA*
Base-Emitter Turn-On
Voltage
VBE(on)
.71
.9
V
IC = 50mA, VCE = 10V*
Static Forward Current
Transfer Ratio
HFE
50
120
70
IC = 30mA, VCE = 10V*
IC = 50mA, VCE = 10V*
Transition Frequency
fT
50
MHz
IC = 10mA, VCE = 20V
F = 20MHZ
Output Capacitance
COBO
5
PFVCB = 20V, f = 1MHZ
Turn-On Time
t(on)
113
ns
IC = 50mA, VC = 100V
IB1 = 5mA, IB2 = 10mA
Turn-Off Time
t(off)
3450
ns
IC = 50mA, VC = 100V
IB1 = 5mA, IB2 = 10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com